Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9703 Datasheet (PDF) - STMicroelectronics

L9703 Datasheet PDF - STMicroelectronics
Part # L9703
Download  L9703 Download
File Size   169.21 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL GROUND CONTACT MONITORING CIRCUIT

L9703 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9703 Datasheet PDF - STMicroelectronics

Part # L9703
Download  L9703 Click to download

File Size   169.21 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL GROUND CONTACT MONITORING CIRCUIT

L9703 Datasheet (HTML) - STMicroelectronics


L9703 Product details

DESCRIPTION

The L9703isa bipolar monolithic integratedcir cuit for monitoring the status of up to eight contacts connected to GND.

It contains eight contact senseinputs and eight microcomputer compatible three-state outputs.



. OPERATING DC SUPPLY VOLTAGE RANGE 5V TO 25V

. SUPPLY OVERVOLTAGEPULSE UP TO 40V

. VERY LOW STANDBY QUIESCENT CURRENT 0.2mA

. INTERNAL CLAMPING DIODES AT CONTACT INPUTS TO VS AND GND

. INPUT PULSE CURRENT CAPABILITY UP TO + 50mA ; – 75mA

. NOMINAL CONTACT CURRENT OF 10mA DEFINED BY EXTERNAL CONTACT SERIES RESISTORS RI N1–8

. CONTACT STATUS MONITORING BY COMPARING THE RESISTANCE AT CONTACT SENSEINPUTS WITHTHE INTERNAL REFERENCE RESISTOR VALUE

. HIGHIMMUNITY DUE TO RESISTANCE COMPARISON WITH HYSTERESIS



 




Similar Part No. - L9703

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
L9700 STMICROELECTRONICS-L9700 Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results


Similar Description - L9703

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9704 STMICROELECTRONICS-L9704 Datasheet
171Kb / 8P
OCTAL SUPPLY CONTACT MONITORING CIRCUIT
Mar-1992
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
logo
Molex Electronics Ltd.
130141-0057 MOLEX11-130141-0057 Datasheet
43Kb / 1P
Super-Safeway Ground Fault Monitoring Connector with Locking Blade
130143-0165 MOLEX11-130143-0165 Datasheet
31Kb / 1P
Super-Safeway Ground Fault Monitoring Cordset 16 Gauge SOOW
logo
Texas Instruments
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
Ground-Start Supervision Circuit
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
Ground isolation amplifier circuit
logo
PHOENIX CONTACT
2203904 PHOENIX-2203904 Datasheet
163Kb / 3P
Functional ground contact - ICS-FE-CONTACT
2278076 PHOENIX-2278076 Datasheet
57Kb / 3P
Functional ground contact - ME BUS FE CONTACT
09/12/2020
2908294 PHOENIX-2908294 Datasheet
56Kb / 3P
Functional ground contact - ME FE-CONTACT
09/12/2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com