Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9703 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9703
Description  OCTAL GROUND CONTACT MONITORING CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9703 Datasheet(HTML) 5 Page - STMicroelectronics

  L9703 Datasheet HTML 1Page - STMicroelectronics L9703 Datasheet HTML 2Page - STMicroelectronics L9703 Datasheet HTML 3Page - STMicroelectronics L9703 Datasheet HTML 4Page - STMicroelectronics L9703 Datasheet HTML 5Page - STMicroelectronics L9703 Datasheet HTML 6Page - STMicroelectronics L9703 Datasheet HTML 7Page - STMicroelectronics L9703 Datasheet HTML 8Page - STMicroelectronics L9703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FUNCTIONAL DESCRIPTION
The L9703 circuit monitors the status of the contacts
connected to ground and through this series exter-
nal resistors RIN to the contact sense input pins. The
contacts equivalent circuit is supposed to be as
shown in fig. 2.
The L9703 circuit compares the input current with
the current through the internal reference resistor.
The device is designed to work with an external input
series resistor of RIN1-8 =1k
Ω. With this inputresistor
the contact current, when the contact is closed and
the device activated (EN = LOW) is
VS -2V
IIN =
1k
Ω
(1)
For this calculation the limit value of the VS to IN
saturation voltage of 2V was considered so that the
lowest limit value of IIN is calculated in (1).
The function of the circuit can be demonstrated with
the transfer characteristics, showing the output
status as a function of the input resistor RI, shown
in figure 3. The input resistor is a sum of the RIN and
the contact resistance RCON or RCOFF, for the closed
contact :
RI =RIN +RCON,
(2)
and for the open contact :
RI =RIN +RCOFF.
(3)
The output goes HIGH when the input resistance in-
creases above5.3k
Ω (typicalvalue) and goes LOW,
when the input resistance decreases below 4k
Ω
(typical value). The limit values of RI = 1.8K
Ω for
LOW and RI =20k
Ω for HIGH implies that a contact
with RCON =100
Ω (at IIN =10mA) will be recognized
as ON = LOW and a contact with RCOFF =19k
Ω will
be recognized as OFF = HIGH. These limits are
valid within the supply voltage range 6V
≤ VS ≤ 16V
and
the
ground
potential
difference
of
∆VGND = 0,1V.
The internal clamping diodes at the contact moni-
toring inputs, together with the external contacts se-
ries resistors RIN, allows the device to withstand
transientsat the contactconnection.The contactse-
ries resistor RIN limits the input current at the tran-
sient.
The dynamic behaviour of the circuit is defined by
the times tdo and tdTs. When the contact is open, the
input capacitor CIN must be charged through the re-
sistor RIN. In this case the total delay time may also
be influenced by the time constant RINCIN.
The delay time tdTs, when disabling the device, is de-
fined only by the internal circuitry. In both cases, an
external output capacitance less than 50pF is as-
sumed, the internal output capacitances of the
three-state buffers are less than 5pF.
Figure 2 : The Contact Sense Input Connection with the Contact Equivalent Circuit.
L9703
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com