Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9703 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9703
Description  OCTAL GROUND CONTACT MONITORING CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9703 Datasheet(HTML) 1 Page - STMicroelectronics

  L9703 Datasheet HTML 1Page - STMicroelectronics L9703 Datasheet HTML 2Page - STMicroelectronics L9703 Datasheet HTML 3Page - STMicroelectronics L9703 Datasheet HTML 4Page - STMicroelectronics L9703 Datasheet HTML 5Page - STMicroelectronics L9703 Datasheet HTML 6Page - STMicroelectronics L9703 Datasheet HTML 7Page - STMicroelectronics L9703 Datasheet HTML 8Page - STMicroelectronics L9703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L9703
March 1992
OCTAL GROUND CONTACT MONITORING CIRCUIT
.
OPERATING DC SUPPLY VOLTAGE RANGE
5V TO 25V
.
SUPPLY OVERVOLTAGE PULSE UP TO 40V
.
VERY LOW STANDBY QUIESCENT CUR-
RENT 0.2mA
.
INTERNAL CLAMPING DIODES AT CONTACT
INPUTS TO VS AND GND
.
INPUT PULSE CURRENT CAPABILITY UP TO
+ 50mA ; – 75mA
.
NOMINAL CONTACT CURRENT OF 10mA DE-
FINED BY EXTERNAL CONTACT SERIES RE-
SISTORS RI N1–8
.
CONTACT STATUS MONITORING BY COM-
PARING THE RESISTANCE AT CONTACT
SENSE INPUTS WITH THE INTERNAL REFER-
ENCE RESISTOR VALUE
.
HIGH IMMUNITY DUE TO RESISTANCE COM-
PARISON WITH HYSTERESIS
BLOCK DIAGRAM
SO-20L
DIP-20
ORDERING NUMBERS : L9703 (DIP-20)
L9703D (SO-20L)
DESCRIPTION
The L9703 is a bipolar monolithic integrated cir-
cuit for monitoring the status of up to eight con-
tacts connected to GND.
It contains eight contact sense inputs and eight
microcomputer compatible three-state outputs.
1/9


Similar Part No. - L9703

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
L9700 STMICROELECTRONICS-L9700 Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results

Similar Description - L9703

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9704 STMICROELECTRONICS-L9704 Datasheet
171Kb / 8P
OCTAL SUPPLY CONTACT MONITORING CIRCUIT
Mar-1992
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
logo
Molex Electronics Ltd.
130141-0057 MOLEX11-130141-0057 Datasheet
43Kb / 1P
Super-Safeway Ground Fault Monitoring Connector with Locking Blade
130143-0165 MOLEX11-130143-0165 Datasheet
31Kb / 1P
Super-Safeway Ground Fault Monitoring Cordset 16 Gauge SOOW
logo
Texas Instruments
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
Ground-Start Supervision Circuit
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
Ground isolation amplifier circuit
logo
PHOENIX CONTACT
2203904 PHOENIX-2203904 Datasheet
163Kb / 3P
Functional ground contact - ICS-FE-CONTACT
2278076 PHOENIX-2278076 Datasheet
57Kb / 3P
Functional ground contact - ME BUS FE CONTACT
09/12/2020
2908294 PHOENIX-2908294 Datasheet
56Kb / 3P
Functional ground contact - ME FE-CONTACT
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com