Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9703 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9703
Description  OCTAL GROUND CONTACT MONITORING CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9703 Datasheet(HTML) 2 Page - STMicroelectronics

  L9703 Datasheet HTML 1Page - STMicroelectronics L9703 Datasheet HTML 2Page - STMicroelectronics L9703 Datasheet HTML 3Page - STMicroelectronics L9703 Datasheet HTML 4Page - STMicroelectronics L9703 Datasheet HTML 5Page - STMicroelectronics L9703 Datasheet HTML 6Page - STMicroelectronics L9703 Datasheet HTML 7Page - STMicroelectronics L9703 Datasheet HTML 8Page - STMicroelectronics L9703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN CONNECTION (top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Test Conditions
Unit
VS
Transient Supply Voltage (t
≤ 1s)
+40
V
VCC
Logic Supply Voltage
7
V
IIN DC
Input DC Current
±40
mA
IINP
Input DC Pulse
(test pulse specification: 0 < tP < 2ms, f
≤ 0.2Hz, n = 25000)
50
-75
mA
mA
IO
Output Current
Internally Limited
VEN
Enable Input Voltage
VCC +0.3
-0.3
V
V
PO
Power Dissipation at Tamb =80
°C
DIP20
SO20
875
420
mW
mW
Tstg,TJ
Storage and Junction Temperature Range
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
DIP20
SO20
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
MAX.
80
165
°C/W
L9703
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com