Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9768 Datasheet (PDF) - Analog Devices

MAX9768 Datasheet PDF - Analog Devices
Part # MAX9768
Download  MAX9768 Download
File Size   1580.84 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10W Mono Class D Speaker Amplifier with Volume Control

MAX9768 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9768 Datasheet PDF - Analog Devices

Part # MAX9768
Download  MAX9768 Click to download

File Size   1580.84 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10W Mono Class D Speaker Amplifier with Volume Control

MAX9768 Datasheet (HTML) - Analog Devices


MAX9768 Product details

Features
● 10W Output (8Ω, PVDD = 14V, THD+N = 10%)
● Spread-Spectrum Modulation
● Meets EN55022B EMC with Ferrite Bead Filters
● Amplifier Operation from 4.5V to 14V Supply
● 64-Step Integrated Volume Control (I2C or Analog)
● Low 0.08% THD+N (RL = 8Ω, POUT = 6W)
● High 77dB PSRR
● Two tON Times Offered
• MAX9768—220ms
• MAX9768B—15ms
● Low-Power Shutdown Mode (0.5μA)
● Short-Circuit and Thermal-Overload Protection




Similar Part No. - MAX9768

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9768 MAXIM-MAX9768 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768 Datasheet
206Kb / 9P
Fully Tested PCB
Rev 0; 11/07
MAX9768 MAXIM-MAX9768 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768B MAXIM-MAX9768B Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
More results


Similar Description - MAX9768

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
10W AMPLIFIER WITH DC VOLUME CONTROL
Feb-1997
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9744 MAXIM-MAX9744 Datasheet
135Kb / 1P
20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com