Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7494 Datasheet (PDF) - STMicroelectronics

TDA7494 Datasheet PDF - STMicroelectronics
Part # TDA7494
Download  TDA7494 Download
File Size   238.66 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10W AMPLIFIER WITH DC VOLUME CONTROL

TDA7494 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7494 Datasheet PDF - STMicroelectronics

Part # TDA7494
Download  TDA7494 Click to download

File Size   238.66 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10W AMPLIFIER WITH DC VOLUME CONTROL

TDA7494 Datasheet (HTML) - STMicroelectronics


TDA7494 Product details

DESCRIPTION
The TDA7494 10W is class AB power amplifier assembled in the @Multiwatt 15 package, specially designed for high quality sound, TV applications.
Features of the TDA7494 include volume control, 3 switchable inputs, Stand-by and mute functions.
   
■ 10W OUTPUT POWER RL = 8Ω,
    @ THD = 10% VCC = 28V
■ ST-BY AND MUTE FUNCTIONS
■ LINEAR VOLUME CONTROL DC COUPLED
    WITH POWER OP AMPLIFIER
■ NO BOUCHEROT CELL
■ NO ST-BY RC INPUT NETWORK
■ SIGNAL LINE OUTPUT BEFORE VOLUME
    CONTROLLING AND MUTING
■ 3 SWITCHABLE VOLTAGE CONTROLLED
    INPUT PINS
■ SINGLE SUPPLY RANGING UP TO 35V
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION
■ INTERNALLY FIXED GAIN
■ SOFT CLIPPING
■ LOW TURN-ON TURN-OFF POP NOISE
■ MULTIWATT 15 PACKAGE
   




Similar Part No. - TDA7494

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
181Kb / 12P
10W AMPLIFIER
Dec-1999
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7494SA STMICROELECTRONICS-TDA7494SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
More results


Similar Description - TDA7494

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
STA543SA STMICROELECTRONICS-STA543SA Datasheet
523Kb / 23P
Triple Amplifier with DC Volume Control
28-Jul-2005
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
2 AMPLIFIER WITH DC VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com