Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7494 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7494
Description  10W AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7494 Datasheet HTML 1Page - STMicroelectronics TDA7494 Datasheet HTML 2Page - STMicroelectronics TDA7494 Datasheet HTML 3Page - STMicroelectronics TDA7494 Datasheet HTML 4Page - STMicroelectronics TDA7494 Datasheet HTML 5Page - STMicroelectronics TDA7494 Datasheet HTML 6Page - STMicroelectronics TDA7494 Datasheet HTML 7Page - STMicroelectronics TDA7494 Datasheet HTML 8Page - STMicroelectronics TDA7494 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VOL
PWR
SW
1
2
3
MUTE/STBY
PROTECTIONS
IN 1
IN 2
IN 3
5
6
1
8
2
4
37
9
10
14
MONITOR
OUT
SVR
MUTE
D96AU492B
13
+VCC
GND
15
R3 100K
C6
300nF
R4
100K
C7
300nF
R5
10K
C9
1
µF
C10 470
µF
C3 470nF
5K
C8
470
µF
C4 470nF
C5 470nF
SGN GND
TP1
JMP1
S1
4
2
1
3
R1
3.3K
R2
3.3K
+5V
TP2
+5V
VOL
P1
50K
LOG
S3
S2
STAND-
BY
+5V
+5V
C2
0.1
µF
GND
OUT
PGND
C1
1000
µF
Figure 1: Test and Application Circuit.
Figure 2: P.C.B. and component layout.
TDA7494
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com