Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7494 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7494
Description  10W AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7494 Datasheet HTML 1Page - STMicroelectronics TDA7494 Datasheet HTML 2Page - STMicroelectronics TDA7494 Datasheet HTML 3Page - STMicroelectronics TDA7494 Datasheet HTML 4Page - STMicroelectronics TDA7494 Datasheet HTML 5Page - STMicroelectronics TDA7494 Datasheet HTML 6Page - STMicroelectronics TDA7494 Datasheet HTML 7Page - STMicroelectronics TDA7494 Datasheet HTML 8Page - STMicroelectronics TDA7494 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA7494
10W AMPLIFIER WITH DC VOLUME CONTROL
10W OUTPUT POWER RL = 8
Ω,
@ THD = 10% VCC = 28V
ST-BY AND MUTE FUNCTIONS
LINEAR VOLUME CONTROL DC COUPLED
WITH POWER OP AMPLIFIER
NO BOUCHEROT CELL
NO ST-BY RC INPUT NETWORK
SIGNAL LINE OUTPUT BEFORE VOLUME
CONTROLLING AND MUTING
3 SWITCHABLE VOLTAGE CONTROLLED
INPUT PINS
SINGLE SUPPLY RANGING UP TO 35V
SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
INTERNALLY FIXED GAIN
SOFT CLIPPING
LOW TURN-ON TURN-OFF POP NOISE
MULTIWATT 15 PACKAGE
DESCRIPTION
The TDA7494 10W is class AB power amplifier
assembled in the @Multiwatt 15 package, spe-
cially designed for high quality sound, TV applica-
tions.
Features of the TDA7494 include volume control,
3 switchable inputs, Stand-by and mute functions.
February 1997
VOL
PWR
SW
1
2
3
MUTE/STBY
PROTECTIONS
IN 1
IN 2
IN 3
5
6
1
8
243
7
9
10
14
OUT
VOL CTL
MONITOR
OUT
SW CTL
SVR
MUTE
D95AU414D
13
+VCC
SGN GND
15
PWR GND
100K
300nF
100K
300nF
10K
1
µF
STAND-BY
470
µF
3 x
470nF
2K
470
µF
BLOCK AND APPLICATION DIAGRAM
Multiwatt15
ORDERING NUMBER: TDA7494
MULTIPOWER BI50II TECHNOLOGY
1/12


Similar Part No. - TDA7494

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
181Kb / 12P
10W AMPLIFIER
Dec-1999
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7494SA STMICROELECTRONICS-TDA7494SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
More results

Similar Description - TDA7494

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
STA543SA STMICROELECTRONICS-STA543SA Datasheet
523Kb / 23P
Triple Amplifier with DC Volume Control
28-Jul-2005
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
2 AMPLIFIER WITH DC VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com