Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7494 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7494
Description  10W AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7494 Datasheet HTML 1Page - STMicroelectronics TDA7494 Datasheet HTML 2Page - STMicroelectronics TDA7494 Datasheet HTML 3Page - STMicroelectronics TDA7494 Datasheet HTML 4Page - STMicroelectronics TDA7494 Datasheet HTML 5Page - STMicroelectronics TDA7494 Datasheet HTML 6Page - STMicroelectronics TDA7494 Datasheet HTML 7Page - STMicroelectronics TDA7494 Datasheet HTML 8Page - STMicroelectronics TDA7494 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
APPLICATION SUGGESTIONS
The recommended values of the external components are those shown on the application circuit of fig-
ure 1. Different values can be used; the following table can help the designer.
COMPONENT
SUGGESTION
VALUE
PURPOSE
LARGER THAN
SUGGESTION
SMALLER THAN
SUGGESTION
R1
3.3K
Input switch circuit
Vpin #2 shifted downward Vpin #2 shifted upward
R2
3.3K
Input switch circuit
Vpin #2 shifted upward
Vpin #2 shifted downward
R3
100K
Input switch time
constant
Larger Input Switch Time
Smaller input switch time
R4
100K
Volume control time
constant
Larger Volume
Regulation Time
Smaller volume
regulation time
R5
10K
Mute time constant
Larger mute on/off time
Smaller mute on/off time
P1
50K
Volume control circuit
C1
1000
µF
Supply voltage bypass
Danger of oscillation
C2
100nF
Supply voltage bypass
Danger of oscillation
C3
470nF
Input DC decoupling
Lower low frequency
cutoff
Higher low frequency
cutoff
C4
470nF
Input DC decoupling
Lower low frequency
cutoff
Higher low frequency
cutoff
C5
470nF
Input DC decoupling
Lower low frequency
cutoff
Higher low frequency
cutoff
C6
300nF
Input- switch time
constant
Larger-Input- switch time
Smaller input- switch time
C7
300nF
Volume control time
constant
Larger volume regulation
time
Smaller volume regulation
time
C8
470
µF
Ripple Rejection
Better SVR
Worse SVR
C9
1
µF
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C10
470
µF
Output DC decoupling
Lower low frequency
cutoff
Higher low frequency
cutoff
TYPICAL CHARACTERISTICS: Refer to the Application Circuit of Fig.1 VS = 21V; RL = 8
Ω; f = 1KHz;
RS = 8
Ω; Tamb = 25°C; RS = 50Ω; unless otherwise specified
5
10
15
20
25
30
Vs(V)
D96AU517
0
2
4
6
8
10
12
14
POUT
(W)
d=10%
d=1%
Figure 3: Output Power vs Supply Voltage
02
4
6
8 POUT(W)
0.01
0.1
1
d
(%)
VS=28V
RL=8Ω
f=15KHz
f=1KHz
D96AU518
Figure 4: Distortion vs Output Power
TDA7494
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com