Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM236 Datasheet (PDF) - STMicroelectronics

LM236 Datasheet PDF - STMicroelectronics
Part # LM236
Download  LM236 Download
File Size   904.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V VOLTAGE REFERENCES

LM236 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM236 Datasheet PDF - STMicroelectronics

Part # LM236
Download  LM236 Click to download

File Size   904.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V VOLTAGE REFERENCES

LM236 Datasheet (HTML) - STMicroelectronics


LM236 Product details

Description
The LM236 and LM336 are precision 2.5V regulator diodes. These voltage reference monolithic ICs operate like 2.5V Zener diodes with a low temperature coefficient and a dynamic impedance of 0.2Ω. A third pin enables adjusting the reference voltage and the temperature coefficient.

Features
● Low temperature coefficient
● Wide operating current of 400µA to 10mA
● 0.2Ω dynamic impedance
● Guaranteed temperature stability
● Fast turn-on




Similar Part No. - LM236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236 Datasheet
417Kb / 9P
2.5V VOLTAGE REFERENCES
Oct-1997
LM236 STMICROELECTRONICS-LM236 Datasheet
426Kb / 15P
2.5V voltage references
29-May-2007
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
223Kb / 12P
Reference Diode
More results


Similar Description - LM236

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
logo
STMicroelectronics
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
2.5V VOLTAGE REFERENCES
Oct-1997
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
2.5V and 4.096V Voltage References
2005
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
2.5V voltage references
29-May-2007
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
2.5V and 4.096V Voltage References
10/20/04
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com