Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM236 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM236
Description  2.5V VOLTAGE REFERENCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM236 Datasheet(HTML) 2 Page - STMicroelectronics

  LM236 Datasheet HTML 1Page - STMicroelectronics LM236 Datasheet HTML 2Page - STMicroelectronics LM236 Datasheet HTML 3Page - STMicroelectronics LM236 Datasheet HTML 4Page - STMicroelectronics LM236 Datasheet HTML 5Page - STMicroelectronics LM236 Datasheet HTML 6Page - STMicroelectronics LM236 Datasheet HTML 7Page - STMicroelectronics LM236 Datasheet HTML 8Page - STMicroelectronics LM236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM236 - LM336,B
2/10
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
LM236
LM336,B
Unit
IR
IF
Current
Reverse
Forward
15
10
mA
Toper
Operating Free-air Temperature Range
-25 to +85
0 to +70
°C
TStg
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
LM236
LM336,B
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VR
Reference Breakdown Voltage
Tamb = +25°C, IR = 1mA
LM236, LM336
LM336B
2.44
2.49
2.54
2.39
2.44
2.49
2.49
2.59
2.54
V
∆V
R
Reverse Breakdown Voltage Change with Current
400µA
≤ I
R ≤ 10mA
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
2.6
3
6
10
2.6
3
10
12
mV
ZD
Reverse Dynamic Impedance (IR = 1mA)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
0.2
0.4
0.6
1
0.2
0.4
1
1.4
KVT
Temperature Stability (VR = 2.49V, IR = 1mA)
3.5
9
1.8
6
mV
KVH
Long Term Stability (Tamb = +25°C ±0.1°C, IR= 1mA)
20
20
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com