Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM236 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM236
Description  2.5V VOLTAGE REFERENCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM236 Datasheet(HTML) 1 Page - STMicroelectronics

  LM236 Datasheet HTML 1Page - STMicroelectronics LM236 Datasheet HTML 2Page - STMicroelectronics LM236 Datasheet HTML 3Page - STMicroelectronics LM236 Datasheet HTML 4Page - STMicroelectronics LM236 Datasheet HTML 5Page - STMicroelectronics LM236 Datasheet HTML 6Page - STMicroelectronics LM236 Datasheet HTML 7Page - STMicroelectronics LM236 Datasheet HTML 8Page - STMicroelectronics LM236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
s LOW TEMPERATURE COEFFICIENT
s WIDE OPERATING CURRENT OF 400µA
TO 10mA
s 0.2
Ω DYNAMIC IMPEDANCE
s GUARANTEED TEMPERATURE STABILITY
s FAST TURN-ON
DESCRIPTION
The LM236 and LM336 are precision 2.5V regula-
tor diodes. These voltage reference monolithic ICs
operate like 2.5V zener diodes with a low temper-
ature coefficient and a dynamic impedance of
0.2
Ω. A third pin enables adjusting the reference
voltage and the temperature coefficient.
ORDER CODE
Z = TO92 Plastic package - also available in Bulk (Z), Tape & Reel (ZT)
and Ammo Pack (AP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
ZD
LM236
-25°C, +85°C
••
LM336,B
0°C, +70°C
••
Z
TO92
(Plastic Package)
D
SO8
(Plastic Micropackage)
ADJ
v+
v-
8765
1234
V+
NC
ADJ
NC
NC
V+
NC
NC
TO92
(Top view)
SO8
(Top view)
1- NC
2- NC
3- NC
4- V-
5- ADJ
6- NC
7- NC
8- V+
2-
LM236
LM336,B
2.5V VOLTAGE REFERENCES
May 2003


Similar Part No. - LM236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236 Datasheet
417Kb / 9P
2.5V VOLTAGE REFERENCES
Oct-1997
LM236 STMICROELECTRONICS-LM236 Datasheet
426Kb / 15P
2.5V voltage references
29-May-2007
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
223Kb / 12P
Reference Diode
More results

Similar Description - LM236

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
logo
STMicroelectronics
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
2.5V VOLTAGE REFERENCES
Oct-1997
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
2.5V and 4.096V Voltage References
2005
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
2.5V voltage references
29-May-2007
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
2.5V and 4.096V Voltage References
10/20/04
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com