Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM236 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM236
Description  2.5V VOLTAGE REFERENCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM236 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM236 Datasheet HTML 2Page - STMicroelectronics LM236 Datasheet HTML 3Page - STMicroelectronics LM236 Datasheet HTML 4Page - STMicroelectronics LM236 Datasheet HTML 5Page - STMicroelectronics LM236 Datasheet HTML 6Page - STMicroelectronics LM236 Datasheet HTML 7Page - STMicroelectronics LM236 Datasheet HTML 8Page - STMicroelectronics LM236 Datasheet HTML 9Page - STMicroelectronics LM236 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LM236 - LM336,B
9/10
PACKAGE MECHANICAL DATA - TO92 TAPE AMMO PACK & TO92 TAPE & REEL
Packing information are available at: http://www.st.com/stonline/prodpres/packages/stdlin.htm
DIM.
mm.
inches
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
AL
5.0
0.197
A
5.0
0.197
T
4.0
0.157
d
0.45
0.018
I1
2.5
0.098
P
11.7
12.7
13.7
0.461
0.500
0.539
PO
12.4
12.7
13
0.488
0.500
0.512
P2
5.95
6.35
6.75
0.234
0.250
0.266
F1/F2
2.4
2.5
2.8
0.094
0.098
0.110
D h
-1
0
1
-0.039
0
0.039
D P
-1
0
1
-0.039
0
0.039
W
17.5
18.0
19.0
0.689
0.709
0.748
W0
5.7
6
6.3
0.224
0.236
0.248
W1
8.5
9
9.75
0.335
0.354
0.384
W2
0.5
0.020
H
20
0.787
H0
15.5
16
16.5
0.610
0.630
0.650
H1
25
0.984
DO
3.8
4.0
4.2
0.150
0.157
0.165
L1
11
0.433
TO-92 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com