Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25XV021A Datasheet (PDF) - Renesas Technology Corp

AT25XV021A Datasheet PDF - Renesas Technology Corp
Part # AT25XV021A
Download  AT25XV021A Download
File Size   2190.55 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Mbit, 1.65 V - 4.4 V Range SPI Serial Flash Memory with Dual-I/O Support

AT25XV021A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25XV021A Datasheet PDF - Renesas Technology Corp

Part # AT25XV021A
Download  AT25XV021A Click to download

File Size   2190.55 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Mbit, 1.65 V - 4.4 V Range SPI Serial Flash Memory with Dual-I/O Support

AT25XV021A Datasheet (HTML) - Renesas Technology Corp


AT25XV021A Product details

• Single 1.65 V - 4.4 V Supply
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 and 3
• Supports Dual-I/O Operation
• 70 MHz Maximum Operating Frequency
• Clock-to-Output (tV) of 6 ns
• Flexible, Optimized Erase Architecture for Code and Data Storage Applications
• Small (256-Byte) Page Erase
• Uniform 4-kByte Block Erase
• Uniform 32-kByte Block Erase
• Uniform 64-kByte Block Erase
• Full Chip Erase
• Hardware Controlled Locking of Protected Sectors via WP Pin
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory programmed with a unique identifier
• 64 bytes user programmable
• Flexible Programming
• Byte/Page Program (1 to 256 Bytes)
• Dual-Input Byte/Page Program (1 to 256 Bytes)
• Sequential Program Mode Capability




Similar Part No. - AT25XV021A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25XV021A DIALOG-AT25XV021A Datasheet
1Mb / 54P
2-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25XV021A RENESAS-AT25XV021A Datasheet
8Mb / 53P
2-Mbit, 1.65V – 4.4V Range SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
Dialog Semiconductor
AT25XV021A-MAHV-T DIALOG-AT25XV021A-MAHV-T Datasheet
1Mb / 54P
2-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
AT25XV021A-MHV-T DIALOG-AT25XV021A-MHV-T Datasheet
1Mb / 54P
2-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
AT25XV021A-MHV-Y DIALOG-AT25XV021A-MHV-Y Datasheet
1Mb / 54P
2-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
More results


Similar Description - AT25XV021A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF081A DIALOG-AT25FF081A Datasheet
1Mb / 122P
8 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE041D DIALOG-AT25XE041D Datasheet
1Mb / 127P
4-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE081D DIALOG-AT25XE081D Datasheet
1Mb / 126P
8-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE161D DIALOG-AT25XE161D Datasheet
1Mb / 127P
16-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE321D DIALOG-AT25XE321D Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25DF021A RENESAS-AT25DF021A Datasheet
1Mb / 59P
AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/22/22
AT25DF041B RENESAS-AT25DF041B Datasheet
1Mb / 64P
4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support
12/13/22
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
AT25XE021A RENESAS-AT25XE021A Datasheet
1Mb / 61P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/9/22
AT25XE321D RENESAS-AT25XE321D Datasheet
2Mb / 113P
32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support
Jul 27, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com