Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-331 Datasheet (PDF) - Tyco Electronics

SW-331 Datasheet PDF - Tyco Electronics
Part # SW-331
Download  SW-331 Download
File Size   134.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SPDT Switch DC - 2 GHz

SW-331 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-331 Datasheet PDF - Tyco Electronics

Part # SW-331
Download  SW-331 Click to download

File Size   134.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SPDT Switch DC - 2 GHz

SW-331 Datasheet (HTML) - Tyco Electronics


SW-331 Product details

Features
Miniature Ceramic Package
Fast Switching Speed, 7 ns Typical
Ultra Low DC Power Consumption




Similar Part No. - SW-331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-332 ETC1-SW-332 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-335 MACOM-SW-335 Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-335 MA-COM-SW-335 Datasheet
116Kb / 3P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
SW-335 MA-COM-SW-335 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-335PIN MACOM-SW-335PIN Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
More results


Similar Description - SW-331

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-224 MACOM-SW-224 Datasheet
24Kb / 2P
GaAs SPDT Switch DC-2 GHz
SW-229 MACOM-SW-229 Datasheet
211Kb / 3P
Connectorized SPDT GaAs Switch, DC - 2 GHz
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
logo
Hexawave, Inc
HWS400 HW-HWS400 Datasheet
139Kb / 3P
GaAs DC-2 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
SW-224-PIN MA-COM-SW-224-PIN Datasheet
65Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com