Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet (PDF) - Microchip Technology

DSC1003 Datasheet PDF - Microchip Technology
Part # DSC1003
Download  DSC1003 Download
File Size   2262.58 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V-3.3V Low-Power Precision CMOS Oscillators

DSC1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC1003 Datasheet PDF - Microchip Technology

Part # DSC1003
Download  DSC1003 Click to download

File Size   2262.58 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V-3.3V Low-Power Precision CMOS Oscillators

DSC1003 Datasheet (HTML) - Microchip Technology


DSC1003 Product details

Features
• Frequency Range: 1 MHz to 150 MHz
• Exceptional Stability over Temperature
- ±10 ppm, ±20 ppm, ±25 ppm, ±50 ppm
• Operating Voltage
- 1.7 to 3.6V
• Operating Temperature Range
- Ext. Industrial –40°C to 105°C
- Industrial –40°C to 85°C
- Commercial –20°C to 70°C
• Low Operating and Standby Current
- 6 mA Operating (1 MHz)
- 15 μA Standby (Max.)
• Ultra Miniature Footprint
- 2.5 mm x 2.0 mm x 0.85 mm
- 3.2 mm x 2.5 mm x 0.85 mm
- 5.0 mm x 3.2 mm x 0.85 mm
- 7.0 mm x 5.0 mm x 0.85 mm
• MIL-STD 883 Shock and Vibration Resistant
• Pb Free, RoHS, Reach SVHC Compliant
• For AEC-Q100 Qualified, Refer to DSA10xx Family

Applications
• Mobile Applications
• Consumer Electronics
• Portable Electronics
• DVR, CCTV, Surveillance Cameras
• Low Profile Applications
• Industrial Applications

General Description
The DSC1001/3/4 is a silicon MEMS based CMOS family of oscillators that offers excellent jitter and stability performance over a wide range of supply voltages and temperatures. The device operates from 1 MHz to 150 MHz with supply voltages between 1.8 to 3.3 volts and temperature ranges up to –40°C to 105°C.
The DSC1001/3/4 incorporate an all silicon resonator that is extremely robust and nearly immune to stress related fractures, common to crystal based oscillators. Without sacrificing the performance and stability required of today’s systems, a crystal-less design allows for a higher level of reliability, making the DSC1001/3/4 ideal for rugged, industrial, and portable applications where stress, shock, and vibration can damage quartz crystal based systems.
Available in industry standard packages, the DSC1001/3/4 can be “dropped-in” to the same PCB footprint as standard crystal oscillators.
The DSC1003 and DSC1004 have the same functionality and performance as the DSC1001, but feature higher output drives of 25 pF and 40 pF, respectively.




Similar Part No. - DSC1003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSC1003 MICROCHIP-DSC1003 Datasheet
597Kb / 24P
1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
Micrel Semiconductor
DSC1003AC1 MICREL-DSC1003AC1 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
DSC1003AC2 MICREL-DSC1003AC2 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
DSC1003AC5 MICREL-DSC1003AC5 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
More results


Similar Description - DSC1003

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSA1001 MICROCHIP-DSA1001 Datasheet
638Kb / 22P
1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
10/25/17
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com