Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 Datasheet(HTML) 1 Page - Microchip Technology

  DSC1003 Datasheet HTML 1Page - Microchip Technology DSC1003 Datasheet HTML 2Page - Microchip Technology DSC1003 Datasheet HTML 3Page - Microchip Technology DSC1003 Datasheet HTML 4Page - Microchip Technology DSC1003 Datasheet HTML 5Page - Microchip Technology DSC1003 Datasheet HTML 6Page - Microchip Technology DSC1003 Datasheet HTML 7Page - Microchip Technology DSC1003 Datasheet HTML 8Page - Microchip Technology DSC1003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
2017 - 2025 Microchip Technology Inc. and its subsidiaries
DS20005529D-page 1
DSC1001/3/4
Features
• Frequency Range: 1 MHz to 150 MHz
• Exceptional Stability over Temperature
- ±10 ppm, ±20 ppm, ±25 ppm, ±50 ppm
• Operating Voltage
- 1.7 to 3.6V
• Operating Temperature Range
- Ext. Industrial –40°C to 105°C
- Industrial –40°C to 85°C
- Commercial –20°C to 70°C
• Low Operating and Standby Current
- 6 mA Operating (1 MHz)
- 15 µA Standby (Max.)
• Ultra Miniature Footprint
- 2.5 mm x 2.0 mm x 0.85 mm
- 3.2 mm x 2.5 mm x 0.85 mm
- 5.0 mm x 3.2 mm x 0.85 mm
- 7.0 mm x 5.0 mm x 0.85 mm
• MIL-STD 883 Shock and Vibration Resistant
• Pb Free, RoHS, Reach SVHC Compliant
• For AEC-Q100 Qualified, Refer to DSA10xx
Family
Applications
• Mobile Applications
• Consumer Electronics
• Portable Electronics
• DVR, CCTV, Surveillance Cameras
• Low Profile Applications
• Industrial Applications
Benefits
• Pin for Pin “Drop-In” Replacement for Industry
Standard Oscillators
• Semiconductor Level Reliability, Significantly
Higher than Quartz
• Short Mass Production Lead Times
• Longer Battery Life/Reduced Power Consumption
• Compact Plastic Package
• Cost Effective
General Description
The DSC1001/3/4 is a silicon MEMS based CMOS
family of oscillators that offers excellent jitter and
stability performance over a wide range of supply
voltages and temperatures. The device operates from
1 MHz to 150 MHz with supply voltages between 1.8 to
3.3 volts and temperature ranges up to –40°C to
105°C.
The DSC1001/3/4 incorporate an all silicon resonator
that is extremely robust and nearly immune to stress
related fractures, common to crystal based oscillators.
Without sacrificing the performance and stability
required of today’s systems, a crystal-less design
allows for a higher level of reliability, making the
DSC1001/3/4 ideal for rugged, industrial, and portable
applications where stress, shock, and vibration can
damage quartz crystal based systems.
Available in industry standard packages, the
DSC1001/3/4 can be “dropped-in” to the same PCB
footprint as standard crystal oscillators.
The DSC1003 and DSC1004 have the same
functionality and performance as the DSC1001, but
feature higher output drives of 25 pF and 40 pF,
respectively.
Package Types
DSC1001/3/4
4-Lead VDFN
(Top View)
STANDBY# 1
2
4
3
GND
VDD
OUT
1.8V-3.3V Low-Power Precision CMOS Oscillators


Similar Part No. - DSC1003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSC1003 MICROCHIP-DSC1003 Datasheet
597Kb / 24P
1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
Micrel Semiconductor
DSC1003AC1 MICREL-DSC1003AC1 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
DSC1003AC2 MICREL-DSC1003AC2 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
DSC1003AC5 MICREL-DSC1003AC5 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
More results

Similar Description - DSC1003

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSA1001 MICROCHIP-DSA1001 Datasheet
638Kb / 22P
1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
10/25/17
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com