Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet(PDF) 17 Page - Microchip Technology

Part # DSC1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 Datasheet(HTML) 17 Page - Microchip Technology

Back Button DSC1003 Datasheet HTML 13Page - Microchip Technology DSC1003 Datasheet HTML 14Page - Microchip Technology DSC1003 Datasheet HTML 15Page - Microchip Technology DSC1003 Datasheet HTML 16Page - Microchip Technology DSC1003 Datasheet HTML 17Page - Microchip Technology DSC1003 Datasheet HTML 18Page - Microchip Technology DSC1003 Datasheet HTML 19Page - Microchip Technology DSC1003 Datasheet HTML 20Page - Microchip Technology DSC1003 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
2017 - 2025 Microchip Technology Inc. and its subsidiaries
DS20005529D-page 17
DSC1001/3/4
B
A
0.05 C
0.05 C
0.08
C A B
0.05
C
(DATUM B)
(DATUM A)
C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
43
0.10 C
0.08 C
Microchip Technology Drawing C04-1008-H6A Rev C Sheet 1 of 2
2X
4X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
4-Lead Very Thin Plastic Dual Flat, No Lead Package (H6A) - 5x3.2 mm Body [VDFN]
(CH)
4X b
e
D
E
A1
(A3)
A
NOTE 1
12
43
1
2
(L2)
(b1)
DETAIL A
ALTERNATE PIN 1
CONFIGURATION
NOTE 1
SEATING
PLANE
L
(L1)
(K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com