Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet(PDF) 14 Page - Microchip Technology

Part # DSC1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 Datasheet(HTML) 14 Page - Microchip Technology

Back Button DSC1003 Datasheet HTML 10Page - Microchip Technology DSC1003 Datasheet HTML 11Page - Microchip Technology DSC1003 Datasheet HTML 12Page - Microchip Technology DSC1003 Datasheet HTML 13Page - Microchip Technology DSC1003 Datasheet HTML 14Page - Microchip Technology DSC1003 Datasheet HTML 15Page - Microchip Technology DSC1003 Datasheet HTML 16Page - Microchip Technology DSC1003 Datasheet HTML 17Page - Microchip Technology DSC1003 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
DSC1001/3/4
DS20005529D-page 14
2017 - 2025 Microchip Technology Inc. and its subsidiaries
0.10 C
0.10 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
12
4
0.10 C
0.08 C
2X
4X
A1
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
4-Lead Very Thin Dual Flatpack, No Lead Package (JZA) - 7x5x0.9 mm Body [VDFN]
With 2.2x3.5 mm Exposed Pad
© 2024 Microchip Technology Inc.
Sheet 1 of 2
Microchip Technology Drawing C04-1025-JZA Rev B
NOTE 1
D
E
B
A
(DATUM A)
(DATUM B)
D2
E2
0.10
C A B
0.10
C A B
L
4X b
2.60 Ref
0.10
C A B
0.05
C
1.00 Ref
C0.25
1.50 Ref
12
4
A
C
SEATING
PLANE
(A3)
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com