Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSC1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 Datasheet(HTML) 3 Page - Microchip Technology

  DSC1003 Datasheet HTML 1Page - Microchip Technology DSC1003 Datasheet HTML 2Page - Microchip Technology DSC1003 Datasheet HTML 3Page - Microchip Technology DSC1003 Datasheet HTML 4Page - Microchip Technology DSC1003 Datasheet HTML 5Page - Microchip Technology DSC1003 Datasheet HTML 6Page - Microchip Technology DSC1003 Datasheet HTML 7Page - Microchip Technology DSC1003 Datasheet HTML 8Page - Microchip Technology DSC1003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2017 - 2025 Microchip Technology Inc. and its subsidiaries
DS20005529D-page 3
DSC1001/3/4
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage (VIN) ............................................................................................................................–0.3V to VDD + 0.3V
ESD Protection ....................................................................................................... 4 kV HBM, ±200V MM, 1.5 kV CDM
Recommended Operating Conditions
Supply Voltage (VDD) ................................................................................................................................ +1.7V to +3.6V
Output Load (ZL) ............................................................................................................................. R > 10 kΩ, C ≤ 15 pF
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Electrical Characteristics: VDD = 1.8 to 3.3V; TA = +85°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Frequency
F0
1
—
150
MHz
Single Frequency
Frequency Tolerance
Δf
—
—
±10
ppm
Includes frequency variations
due to initial tolerance,
temperature and power supply
voltage
—
—
±20
—
—
±25
—
—
±50
Aging
Δf
—
—
±5
ppm
1 year @ +25°C
Supply Current, Standby
IDD
—
—
15
µA
T = +25°C
Output Startup Time
(Note 1)
tSU
—
1.0
1.3
ms
T = +25°C
Output Disable Time
tDA
—
20
100
ns
—
Output Duty Cycle
SYM
45
—
55
%
—
Input Logic Level High
VIH
0.75 x VDD
—
—
V
—
Input Logic Level Low
VIL
—
—
0.25 x VDD
V
—
VDD = 1.8V
Supply Current, No Load
IDD
—
6.0
6.3
mA
1 MHz
CL = 0 pF,
RL = ∞,
T = +25°C
—
6.5
7.1
27 MHz
—
7.2
8.5
70 MHz
—
8.3
11.9
150 MHz
Output Logic Level High
VOH
0.8 x VDD
—
—
V
–6 mA, DSC1004, CL = 40 pF
0.8 x VDD
—
—
–6 mA, DSC1003, CL = 25 pF
0.8 x VDD
—
—
–4 mA, DSC1001, CL = 15 pF
Output Logic Level Low
VOL
—
—
0.2 x VDD
V
6 mA, DSC1004, CL = 40 pF
—
—
0.2 x VDD
6 mA, DSC1003, CL = 25 pF
—
—
0.2 x VDD
4 mA, DSC1001, CL = 15 pF
Note 1: tSU is time to stable output frequency after VDD is applied. tSU and tEN (after EN is asserted) are identical
values.
2: Measured over 50k clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com