Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet(PDF) 29 Page - Microchip Technology

Part # DSC1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 Datasheet(HTML) 29 Page - Microchip Technology

Back Button DSC1003 Datasheet HTML 23Page - Microchip Technology DSC1003 Datasheet HTML 24Page - Microchip Technology DSC1003 Datasheet HTML 25Page - Microchip Technology DSC1003 Datasheet HTML 26Page - Microchip Technology DSC1003 Datasheet HTML 27Page - Microchip Technology DSC1003 Datasheet HTML 28Page - Microchip Technology DSC1003 Datasheet HTML 29Page - Microchip Technology DSC1003 Datasheet HTML 30Page - Microchip Technology DSC1003 Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
2017 - 2025 Microchip Technology Inc. and its subsidiaries
DS20005529D-page 29
DSC1001/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) DSC1001AE1-010.0000T:
1.8V - 3.3V Low-Power Precision CMOS
Oscillator, 4-Lead 7.0 mm x 5.0 mm VDFN,
Ext. Commercial Temperature Range, ±50
ppm, 10 MHz Output Frequency, 1,000/Reel
b) DSC1003BL2-030.0000:
1.8V - 3.3V Low-Power Precision CMOS
Oscillator, 4-Lead 5.0 mm x 3.2 mm VDFN,
Ext. Industrial Temperature Range, ±25
ppm, 30 MHz Output Frequency, 110/Tube
c) DSC1001DE5-150.0000:
1.8V - 3.3V Low-Power Precision CMOS
Oscillator, 4-Lead 2.5 mm x 2.0 mm VDFN,
Ext. Commercial Temperature Range, ±10
ppm, 150 MHz Output Frequency, 110/Tube
d) DSC1004AI3-075.0000T:
1.8V - 3.3V Low-Power Precision CMOS
Oscillator, 4-Lead 7.0 mm x 5.0 mm VDFN,
Industrial Temperature Range, ±20 ppm, 75
MHz Output Frequency, 1,000/Reel
PART NO.
X
X
Package
Stability
Device
Device:
DSC1001/3/4: 1.8V - 3.3V Low-Power Precision CMOS
Oscillator (Note 1)
Package:
A
=
4-Lead 7.0 mm x 5.0 mm VDFN
B
=
4-Lead 5.0 mm x 3.2 mm VDFN
C
=
4-Lead 3.2 mm x 2.5 mm VDFN
D
=
4-Lead 2.5 mm x 2.0 mm VDFN
Temperature
Range:
E
=
–20C to +70C (Extended Commercial)
I
=
–40C to +85C (Industrial)
L
=
–40C to +105C (Extended Industrial)
Stability:
1
=
±50ppm
2
=
±25ppm
3
=
±20 ppm
5
=
±10 ppm
Frequency:
xxx.xxxx =1 MHz to 150 MHz (user-defined)
Packing Option:
<blank>=
110/Tube
T
=
1,000/Reel
X
Package
X
Temperature
Range
-XXX.XXXX
Frequency
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
Note 1: For AEC-Q100 qualified parts, please refer to the
DSA10xx family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com