Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet(PDF) 7 Page - Microchip Technology

Part # DSC1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 Datasheet(HTML) 7 Page - Microchip Technology

Back Button DSC1003 Datasheet HTML 3Page - Microchip Technology DSC1003 Datasheet HTML 4Page - Microchip Technology DSC1003 Datasheet HTML 5Page - Microchip Technology DSC1003 Datasheet HTML 6Page - Microchip Technology DSC1003 Datasheet HTML 7Page - Microchip Technology DSC1003 Datasheet HTML 8Page - Microchip Technology DSC1003 Datasheet HTML 9Page - Microchip Technology DSC1003 Datasheet HTML 10Page - Microchip Technology DSC1003 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
2017 - 2025 Microchip Technology Inc. and its subsidiaries
DS20005529D-page 7
DSC1001/3/4
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1 and Table 2-2.
TABLE 2-1:
VDFN PACKAGE PIN FUNCTION TABLE
Pin Number
Symbol
Description
1
STANDBY#
Standby input (see the Standby Function section)
2
GND
Power supply ground
3
OUT
Oscillator output
4
VDD
Positive power supply
TABLE 2-2:
7 MM X 5 MM VDFN PACKAGE PIN FUNCTION TABLE
Pin Number
Symbol
Description
1
STANDBY#
Standby input (see the Standby Function section)
2
GND
Power supply ground
3
OUT
Oscillator output
4
VDD
Positive power supply
Center Pad
NC
Tie to GND or do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com