Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1003 Datasheet(PDF) 16 Page - Microchip Technology

Part # DSC1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DSC1003 Datasheet HTML 12Page - Microchip Technology DSC1003 Datasheet HTML 13Page - Microchip Technology DSC1003 Datasheet HTML 14Page - Microchip Technology DSC1003 Datasheet HTML 15Page - Microchip Technology DSC1003 Datasheet HTML 16Page - Microchip Technology DSC1003 Datasheet HTML 17Page - Microchip Technology DSC1003 Datasheet HTML 18Page - Microchip Technology DSC1003 Datasheet HTML 19Page - Microchip Technology DSC1003 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
DSC1001/3/4
DS20005529D-page 16
2017 - 2025 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Y2
X2
3.60
2.30
MILLIMETERS
MIN
MAX
3.90
Contact Pad Length (Xnn)
Contact Pad Width (Xnn)
Y1
X1
1.30
1.50
NOM
SILK SCREEN
C1
Contact Pad Spacing
5.08
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (Xnn)
G1
0.69
Microchip Technology Drawing C04-3025-JZA Rev B
X2
Y2
X1
Y1
C1
C2
ØV
EV
EV
4-Lead Very Thin Dual Flatpack, No Lead Package [JZA] - 7x5x0.9 mm Body [VDFN]
With 2.2x3.5 mm Exposed Pad
1
2
3
4
G1
© 2024 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com