Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTN03100CFG Datasheet (PDF) - Diodes Incorporated

DXTN03100CFG Datasheet PDF - Diodes Incorporated
Part # DXTN03100CFG
Download  DXTN03100CFG Download
File Size   845.63 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN LOW VCESAT TRANSISTOR IN PowerDI3333-8

DXTN03100CFG Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTN03100CFG Datasheet PDF - Diodes Incorporated

Part # DXTN03100CFG
Download  DXTN03100CFG Click to download

File Size   845.63 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN LOW VCESAT TRANSISTOR IN PowerDI3333-8

DXTN03100CFG Datasheet (HTML) - Diodes Incorporated


DXTN03100CFG Product details

Features
 BVCEO > 100V
 Small Form Factor Thermally Efficient Package.
Enables Higher Density End Products
 IC = 5A High Continuous Collector Current
 ICM = 10A Peak Pulse Current
 Low Saturation Voltage VCE(sat) < 35mV
 hFE Specified Up to 10A for a High Gain Hold Up
 Complementary PNP Type: DXTP03100CFG
 Wettable Flank for Improved Optical Inspection
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/

Applications
 Motor Driving
 Line Switching
 High Side Switches




Similar Part No. - DXTN03100CFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTN03060CFG DIODES-DXTN03060CFG Datasheet
859Kb / 7P
60V NPN LOW VCESAT TRANSISTOR IN PowerDI3333-8
January 2021 Rev. 1 - 2
More results


Similar Description - DXTN03100CFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD1664 TSC-TSD1664_07 Datasheet
247Kb / 5P
Low Vcesat NPN Transistor
TSD882 TSC-TSD882_07 Datasheet
224Kb / 4P
Low Vcesat NPN Transistor
logo
Diodes Incorporated
DXTN07025BFG DIODES-DXTN07025BFG Datasheet
802Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07045DFG DIODES-DXTN07045DFG Datasheet
823Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG DIODES-DXTN07060BFG Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07100BFG DIODES-DXTN07100BFG Datasheet
879Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07040CFG DIODES-DXTP07040CFG Datasheet
728Kb / 7P
40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07060BFG DIODES-DXTP07060BFG Datasheet
814Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
Rev.1 - 2 October 2018
DXTP07100BFG DIODES-DXTP07100BFG Datasheet
787Kb / 7P
100V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
Rev.1 - 2 October 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com