Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2208 Datasheet (PDF) - Microsemi Corporation

LX2208 Datasheet PDF - Microsemi Corporation
Part # LX2208
Download  LX2208 Download
File Size   250.75 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 Amp Three Level Lithium Ion Battery Charger

LX2208 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX2208 Datasheet PDF - Microsemi Corporation

Part # LX2208
Download  LX2208 Click to download

File Size   250.75 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 Amp Three Level Lithium Ion Battery Charger

LX2208 Datasheet (HTML) - Microsemi Corporation


LX2208 Product details

DESCRIPTION
The LX2208 is a single cell Lithium Ion or Lithium Polymer battery charger. The controller will charge a single cell Li-Ion battery from either a wall adapter or a USB power source. A low under-voltage lockout level increases usable charging range from a current limited power source. In addition, there is a linear die temperature thermal control loop, which limits the heat dissipation while still charging the battery.

KEY FEATURES
◾ Up to 2A Charging Current
◾ Integrated Power MOSFET
◾ Three Charge Levels for Adapter, and USB Hi and Low
◾ Charge Battery from a Current Limited Adapter
◾ 0.5% Battery Voltage Accuracy
◾ USB Current Compliance
◾ Battery Full Indicator
◾ CC/CV with Thermal Feedback
◾ Battery Temperature Monitor
◾ Precision Charge Termination
◾ Protection features:
   o Unsafe Battery Temp Lockout
   o Internal IC Temp Regulator
   o USB Current Limiter
   o Reverse Current Blocking
   o Under Voltage Lockout
   o False Termination Prevention under Low Supply Conditions

APPLICATIONS
◾ Navigation Devices
◾ Multi-Media Players
◾ Handheld Devices
◾ Digital Cameras




Similar Part No. - LX2208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
USB Li-Ion Battery Charger
LX2201CLQ MICROSEMI-LX2201CLQ Datasheet
172Kb / 11P
USB Li-Ion Battery Charger
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
2A Li-Ion Linear Charger and Power Control
LX2202 MICROSEMI-LX2202 Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
176Kb / 12P
2A Li-Ion Linear Charger and Power Control
More results


Similar Description - LX2208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206 Datasheet
307Kb / 14P
Dual Level Lithium Ion Battery Charger
LX2207 MICROSEMI-LX2207 Datasheet
396Kb / 14P
Three Level Lithium Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206_07 Datasheet
301Kb / 14P
TM Dual Level Lithium Ion Battery Charger
LX2207_0710 MICROSEMI-LX2207_0710 Datasheet
404Kb / 14P
Three Level Lithium Ion Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com