Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080N Datasheet (PDF) - STMicroelectronics

M50LPW080N Datasheet PDF - STMicroelectronics
Part # M50LPW080N
Download  M50LPW080N Download
File Size   272.35 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory

M50LPW080N Datasheet (PDF)

Go To PDF Page Download Datasheet
M50LPW080N Datasheet PDF - STMicroelectronics

Part # M50LPW080N
Download  M50LPW080N Click to download

File Size   272.35 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory

M50LPW080N Datasheet (HTML) - STMicroelectronics


M50LPW080N Product details

SUMMARY DESCRIPTION
The M50LPW080 is a 8 Mbit (1Mb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast programming and fast erasing in production lines an optional 12V power supply can be used to reduce the programming and the erasing times.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VCC = 3.0 to 3.6V for Program, Erase and Read Operations
    – VPP = 12V for Fast Program and Fast Erase (optional)
■ TWO INTERFACES
    – Low Pin Count (LPC) Standard Interface for embedded operation with PC Chipsets.
    – Address/Address Multiplexed (A/A Mux) Interface for programming equipment compatibility.
■ LOW PIN COUNT (LPC) HARDWARE INTERFACE MODE
    – 5 Signal Communication Interface supporting Read and Write Operations
    – Hardware Write Protect Pins for Block Protection
    – Register Based Read and Write Protection
    – 5 Additional General Purpose Inputs for platform design flexibility
    – Synchronized with 33MHz PCI clock
■ PROGRAMMING TIME
    – 10µs typical
    – Quadruple Byte Programming Option
■ 16 UNIFORM 64 Kbyte MEMORY BLOCKS
■ PROGRAM/ERASE CONTROLLER
    – Embedded Byte Program and Block/Chip Erase algorithms
    – Status Register Bits
■ PROGRAM and ERASE SUSPEND
    – Read other Blocks during Program/Erase Suspend
    – Program other Blocks during Erase Suspend
■ FOR USE in PC BIOS APPLICATIONS
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: 2Fh




Similar Part No. - M50LPW080N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K STMICROELECTRONICS-M50LPW002K Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K1T STMICROELECTRONICS-M50LPW002K1T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K5T STMICROELECTRONICS-M50LPW002K5T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
More results


Similar Description - M50LPW080N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
13-Feb-2003
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com