Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet (PDF) - STMicroelectronics

M50LPW116 Datasheet PDF - STMicroelectronics
Part # M50LPW116
Download  M50LPW116 Download
File Size   259.83 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory

M50LPW116 Datasheet (PDF)

Go To PDF Page Download Datasheet
M50LPW116 Datasheet PDF - STMicroelectronics

Part # M50LPW116
Download  M50LPW116 Click to download

File Size   259.83 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory

M50LPW116 Datasheet (HTML) - STMicroelectronics


M50LPW116 Product details

DESCRIPTION
The M50LPW116 is a 16 Mbit (2Mb x8) nonvolatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast programming, and fast erasing, an optional 12V power supply can be used to reduce the programming and the erasing times.

■ SUPPLY VOLTAGE
    – VCC = 3V to 3.6V for Program, Erase and Read Operations
    – VPP = 12V for Fast Program and Fast Erase
■ TWO INTERFACES
    – Low Pin Count (LPC) Standard Interface for embedded operation with PC Chipsets.
    – Address/Address Multiplexed (A/A Mux) Interface for programming equipment compatibility.
■ LOW PIN COUNT (LPC) HARDWARE INTERFACE MODE
    – 5 Signal Communication Interface supporting Read and Write Operations
    – Hardware Write Protect Pins for Block Protection
    – Register Based Read and Write Protection
    – 5 Additional General Purpose Inputs for platform design flexibility
    – Synchronized with 33 MHz PCI clock
■ BYTE PROGRAMMING TIME
    – Single Byte Mode: 10µs (typical)
    – Quadruple Byte Mode: 2.5µs (typical)
■ 50 MEMORY BLOCKS
    – 1 Boot Block
    – 18 Parameter and 31 Main Blocks
■ PROGRAM/ERASE CONTROLLER
    – Embedded Byte Program and Block/Chip Erase algorithms
    – Status Register Bits
■ PROGRAM and ERASE SUSPEND
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: 30h




Similar Part No. - M50LPW116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K STMICROELECTRONICS-M50LPW002K Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K1T STMICROELECTRONICS-M50LPW002K1T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K5T STMICROELECTRONICS-M50LPW002K5T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
More results


Similar Description - M50LPW116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com