Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M50LPW116
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116 Datasheet(HTML) 2 Page - STMicroelectronics

  M50LPW116 Datasheet HTML 1Page - STMicroelectronics M50LPW116 Datasheet HTML 2Page - STMicroelectronics M50LPW116 Datasheet HTML 3Page - STMicroelectronics M50LPW116 Datasheet HTML 4Page - STMicroelectronics M50LPW116 Datasheet HTML 5Page - STMicroelectronics M50LPW116 Datasheet HTML 6Page - STMicroelectronics M50LPW116 Datasheet HTML 7Page - STMicroelectronics M50LPW116 Datasheet HTML 8Page - STMicroelectronics M50LPW116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
M50LPW116
2/36
Figure 2. Logic Diagram (A/A Mux Interface)
AI05468
11
RC
DQ0-DQ7
VCC
M50LPW116
IC
VSS
8
G
W
RB
RP
A0-A10
VPP
DESCRIPTION
The M50LPW116 is a 16 Mbit (2Mb x8) non-
volatile memory that can be read, erased and
reprogrammed.
These
operations
can
be
performed using a single low voltage (3.0 to 3.6V)
supply. For fast programming, and fast erasing, an
optional 12V power supply can be used to reduce
the programming and the erasing times.
The memory is divided into blocks that can be
erased independently so it is possible to preserve
valid data while old data is erased. Blocks can be
protected individually (except Blocks 15 to 0,
which
have
global
protection)
to
prevent
accidental Program or Erase commands from
modifying the memory. Program and Erase
commands are written to the Command Interface
of
the
memory.
An
on-chip
Program/Erase
Controller simplifies the process of programming
or erasing the memory by taking care of all of the
special operations that are required to update the
memory contents. The end of a program or erase
operation
can
be
detected
and
any
error
conditions identified. The command set required
to control the memory is consistent with JEDEC
standards.
The M50LPW116 features an asymmetrical block
architecture. It has an array of 50 blocks: 1 Boot
Block of 16KBytes, 2 Parameter Blocks of
Figure 3. TSOP Connections
AI05467
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A9
A8
W
VSS
VCC
DQ7
G
RB
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
ID1
LAD1
LAD2
GPI3
TBL
ID2
GPI0
WP
NC
VCC
NC
IC (VIL)
RFU
GPI4
NC
VSS
LFRAME
RFU
LAD3
VSS
VCC
RFU
RFU
NC
CLK
RP
NC
VPP
VCC
NC
M50LPW116
10
1
11
20
21
30
31
40
ID3
NC
INIT
NC
RFU
GPI2
LAD0
GPI1
ID0
VSS
NC
NC
NC
IC (VIH)
NC
NC
NC
NC
RC
RP
VPP
VCC
NC
A10
VSS
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com