Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50LPW116
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50LPW116 Datasheet HTML 9Page - STMicroelectronics M50LPW116 Datasheet HTML 10Page - STMicroelectronics M50LPW116 Datasheet HTML 11Page - STMicroelectronics M50LPW116 Datasheet HTML 12Page - STMicroelectronics M50LPW116 Datasheet HTML 13Page - STMicroelectronics M50LPW116 Datasheet HTML 14Page - STMicroelectronics M50LPW116 Datasheet HTML 15Page - STMicroelectronics M50LPW116 Datasheet HTML 16Page - STMicroelectronics M50LPW116 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13/36
M50LPW116
changed and the Status Register will output the
error.
During the Block Erase operation the memory will
only accept the Read Status Register command
and the Program/Erase Suspend command. All
other commands will be ignored. Typical Block
Erase times are given in Table 12.
The Block Erase command sets all of the bits in
the block to ‘1’. All previous data in the block is
lost.
See Figure 17, Block Erase Flowchart and Pseudo
Code, for a suggested flowchart on using the
Erase command.
Clear Status Register Command. The Clear Sta-
tus Register command can be used to reset bits 1,
3, 4 and 5 in the Status Register to ‘0’. One Bus
Write is required to issue the Clear Status Register
command. Once the command is issued the mem-
ory returns to its previous mode, subsequent Bus
Read operations continue to output the same data.
The bits in the Status Register are sticky and do
not automatically return to ‘0’ when a new Program
or Erase command is issued. If an error occurs
then it is essential to clear any error bits in the Sta-
tus Register by issuing the Clear Status Register
command before attempting a new Program or
Erase command.
Program/Erase Suspend Command. The
Pro-
gram/Erase Suspend command can be used to
pause a Program or Block Erase operation. One
Bus Write cycle is required to issue the Program/
Erase Suspend command and pause the Pro-
gram/Erase Controller. Once the command is is-
sued it is necessary to poll the Program/Erase
Controller Status bit to find out when the Program/
Erase Controller has paused; no other commands
will be accepted until the Program/Erase Control-
ler has paused. After the Program/Erase Control-
ler has paused, the memory will continue to output
the Status Register until another command is is-
sued.
During the polling period between issuing the
Program/Erase
Suspend
command
and
the
Program/Erase Controller pausing it is possible for
the operation to complete. Once Program/Erase
Controller Status bit indicates that the Program/
Erase Controller is no longer active, the Program
Suspend Status bit or the Erase Suspend Status
bit can be used to determine if the operation has
completed or is suspended. For timing on the
delay
between
issuing
the
Program/Erase
Suspend
command
and
the
Program/Erase
Controller pausing see Table 12.
During
Program/Erase
Suspend
the
Read
Memory Array, Read Status Register, Read
Electronic Signature and Program/Erase Resume
commands will be accepted by the Command
Interface. Additionally, if the suspended operation
was Block Erase then the Program command will
also be accepted; only the blocks not being erased
may be read or programmed correctly.
See Figure 15, Program Suspend and Resume
Flowchart and Pseudo Code, and Figure 18,
Erase Suspend & Resume Flowchart and Pseudo
Code, for suggested flowcharts on using the
Program/Erase Suspend command.
Program/Erase Resume Command. The
Pro-
gram/Erase Resume command can be used to re-
start
the
Program/Erase
Controller
after
a
Table 12. Program and Erase Times
(TA = 0 to 70°C or –20 to 85°C; VCC = 3.0 to 3.6V)
Note: 1. TA = 25°C, VCC = 3.3V
2. This time is obtained executing the Quadruple Byte Program Command.
3. Sampled only, not 100% tested.
4. Time to program four bytes.
Parameter
Interface
Test Condition
Min
Typ (1)
Max
Unit
Byte Program
10
200
µs
Quadruple Byte Program
A/A Mux
VPP = 12V ± 5%
10 (4)
200
µs
Chip Erase
A/A Mux
VPP = 12V ± 5%
18
sec
Block Program (64 Kbytes)
A/A Mux
VPP = 12V ± 5%
0.1 (2)
5
sec
VPP = VCC
0.4
5
sec
Block Erase (64 Kbytes)
VPP = 12V ± 5%
0.75
8
sec
VPP = VCC
110
sec
Program/Erase Suspend to Program pause (3)
5
µs
Program/Erase Suspend to Block Erase pause (3)
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com