Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M50LPW116
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M50LPW116 Datasheet HTML 5Page - STMicroelectronics M50LPW116 Datasheet HTML 6Page - STMicroelectronics M50LPW116 Datasheet HTML 7Page - STMicroelectronics M50LPW116 Datasheet HTML 8Page - STMicroelectronics M50LPW116 Datasheet HTML 9Page - STMicroelectronics M50LPW116 Datasheet HTML 10Page - STMicroelectronics M50LPW116 Datasheet HTML 11Page - STMicroelectronics M50LPW116 Datasheet HTML 12Page - STMicroelectronics M50LPW116 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9/36
M50LPW116
Table 7. LPC Bus Write Field Definitions
Clock
Cycle
Number
Clock
Cycle
Count
Field
LAD0-
LAD3
Memory
I/O
Description
1
1
START
0000b
I
On the rising edge of CLK with LFRAME Low, the contents
of LAD0-LAD3 must be 0000b to indicate the start of a LPC
cycle.
21
CYCTY
PE +
DIR
011Xb
I
Indicates the type of cycle. Bits 3:2 must be 01b. Bit 1
indicates the direction of transfer: 1b for write. Bit 0 is don’t
care (X).
3-10
8
ADDR
XXXX
I
A 32-bit address phase is transferred starting with the most
significant nibble first. A26-A31 must be set to 1. A22 = 1 for
Array, A22 = 0 for registers access. For A21, A23-A25
values, refers to Table 2.
11-12
2
DATA
XXXX
I
Data transfer is two cycles, starting with the least significant
nibble.
13
1
TAR
1111b
I
The host drives LAD0-LAD3 to 1111b to indicate a
turnaround cycle.
14
1
TAR
1111b
(float)
O
The LPC Flash Memory takes control of LAD0-LAD3 during
this cycle.
15
1
SYNC
0000b
O
The LPC Flash Memory drives LAD0-LAD3 to 0000b,
indicating it has received data or a command.
16
1
TAR
1111b
O
The LPC Flash Memory drives LAD0-LAD3 to 1111b,
indicating a turnaround cycle.
17
1
TAR
1111b
(float)
N/A
The LPC Flash Memory floats its outputs and the host takes
control of LAD0-LAD3.
Low, VIL, for tPLPH. The memory resets to Read
mode upon return from Reset mode and the Lock
Registers return to their default states regardless
of their state before Reset, see Table 15. If RP or
INIT goes Low, VIL, during a Program or Erase
operation, the operation is aborted and the
memory cells affected no longer contain valid
data; the memory can take up to tPLRH to abort a
Program or Erase operation.
Block Protection. Block
Protection
can
be
forced using the signals Top Block Lock, TBL, and
Write Protect, WP, regardless of the state of the
Lock Registers.
Address/Address Multiplexed (A/A Mux) Bus
Operations
The Address/Address Multiplexed (A/A Mux)
Interface has a more traditional style interface.
The signals consist of a multiplexed address
signals (A0-A10), data signals, (DQ0-DQ7) and
three control signals (RC, G, W). An additional
signal, RP, can be used to reset the memory.
Figure 5. LPC Bus Write Waveforms
AI04430
CLK
LFRAME
LAD0-LAD3
Number of
clock cycles
START
CYCTYPE
+ DIR
ADDR
DATA
TAR
SYNC
TAR
1182212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com