Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M50LPW116
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M50LPW116 Datasheet HTML 13Page - STMicroelectronics M50LPW116 Datasheet HTML 14Page - STMicroelectronics M50LPW116 Datasheet HTML 15Page - STMicroelectronics M50LPW116 Datasheet HTML 16Page - STMicroelectronics M50LPW116 Datasheet HTML 17Page - STMicroelectronics M50LPW116 Datasheet HTML 18Page - STMicroelectronics M50LPW116 Datasheet HTML 19Page - STMicroelectronics M50LPW116 Datasheet HTML 20Page - STMicroelectronics M50LPW116 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17/36
M50LPW116
Table 15. Lock Register Bit Definitions(1)
Note: 1. Applies to Top Block Lock Register (T_BLOCK_LK) and Top Block [-1] Lock Register (T_MINUS01_LK) to Top Block [-34] Lock
Register (T_MINUS34_LK).
Table 16. General Purpose Input Register Definition(1)
Note: 1. Applies to the General Purpose Input Register (GPI_REG).
Bit
Bit Name
Value
Function
7-3
Reserved
2
Read-Lock
‘1’
Bus Read operations in this Block always return 00h.
‘0’
Bus read operations in this Block return the Memory Array contents. (Default
value).
1
Lock-Down
‘1’
Changes to the Read-Lock bit and the Write-Lock bit cannot be performed. Once a
‘1’ is written to the Lock-Down bit it cannot be cleared to ‘0’; the bit is always reset
to ‘0’ following a Reset (using RP or INIT) or after power-up.
‘0’
Read-Lock and Write-Lock can be changed by writing new values to them. (Default
value).
0
Write-Lock
‘1’
Program and Block Erase operations in this Block will set an error in the Status
Register. The memory contents will not be changed. (Default value).
‘0’
Program and Block Erase operations in this Block are executed and will modify the
Block contents.
Bit
Bit Name
Value
Function
7-5
Reserved
4
GPI4
‘1’
Input Pin GPI4 is at VIH
‘0’
Input Pin GPI4 is at VIL
3
GPI3
‘1’
Input Pin GPI3 is at VIH
‘0’
Input Pin GPI3 is at VIL
2
GPI2
‘1’
Input Pin GPI2 is at VIH
‘0’
Input Pin GPI2 is at VIL
1
GPI1
‘1’
Input Pin GPI1 is at VIH
‘0’
Input Pin GPI1 is at VIL
0
GPI0
‘1’
Input Pin GPI0 is at VIH
‘0’
Input Pin GPI0 is at VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com