Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M50LPW116
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M50LPW116 Datasheet HTML 3Page - STMicroelectronics M50LPW116 Datasheet HTML 4Page - STMicroelectronics M50LPW116 Datasheet HTML 5Page - STMicroelectronics M50LPW116 Datasheet HTML 6Page - STMicroelectronics M50LPW116 Datasheet HTML 7Page - STMicroelectronics M50LPW116 Datasheet HTML 8Page - STMicroelectronics M50LPW116 Datasheet HTML 9Page - STMicroelectronics M50LPW116 Datasheet HTML 10Page - STMicroelectronics M50LPW116 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7/36
M50LPW116
LAD3. On the following Clock cycles the Host will
send the Cycle Type + Dir, Address, other control
bits, Data0-Data3 and Data4-Data7 on LAD0-
LAD3. The memory outputs Sync data until the
wait-states have elapsed.
See Table 7, and to Figure 5, for a description of
the Field definitions for each clock cycle of the
transfer. See Table 22, and Figure 9, for details on
the timings of the signals.
Bus Abort. The Bus Abort operation can be used
to immediately abort the current bus operation. A
Bus Abort occurs when LFRAME is driven Low,
VIL, during the bus operation; the memory will tri-
state
the
Input/Output
Communication
pins,
LAD0-LAD3.
Table 5. Block Addresses
Size
(Kbytes)
Address Range
Block
Number
Block
Type
16
1FC000h-1FFFFFh
49
Boot (Top)
8
1FA000h-1FBFFFh
48
Parameter
8
1F8000h-1F9FFFh
47
Parameter
32
1F0000h-1F7FFFh
46
Main
64
1E0000h-1EFFFFh
45
Main
64
1D0000h-1DFFFFh
44
Main
64
1C0000h-1CFFFFh
43
Main
64
1B0000h-1BFFFFh
42
Main
64
1A0000h-1AFFFFh
41
Main
64
190000h-19FFFFh
40
Main
64
180000h-18FFFFh
39
Main
64
170000h-17FFFFh
38
Main
64
160000h-16FFFFh
37
Main
64
150000h-15FFFFh
36
Main
64
140000h-14FFFFh
35
Main
64
130000h-13FFFFh
34
Main
64
120000h-12FFFFh
33
Main
64
110000h-11FFFFh
32
Main
64
100000h-10FFFFh
31
Main
64
0F0000h-0FFFFFh
30
Main
64
0E0000h-0EFFFFh
29
Main
64
0D0000h-0DFFFFh
28
Main
64
0C0000h-0CFFFFh
27
Main
64
0B0000h-0BFFFFh
26
Main
Note: For A21 and A23, refer to Table 2. A22 is set to 1.
64
0A0000h-0AFFFFh
25
Main
64
090000h-09FFFFh
24
Main
64
080000h-08FFFFh
23
Main
64
070000h-07FFFFh
22
Main
64
060000h-06FFFFh
21
Main
64
050000h-05FFFFh
20
Main
64
040000h-04FFFFh
19
Main
64
030000h-03FFFFh
18
Main
64
020000h-02FFFFh
17
Main
64
010000h-01FFFFh
16
Main
4
00F000h-00FFFFh
15
Parameter
4
00E000h-00EFFFh
14
Parameter
4
00D000h-00DFFFh
13
Parameter
4
00C000h-00CFFFh
12
Parameter
4
00B000h-00BFFFh
11
Parameter
4
00A000h-00AFFFh
10
Parameter
4
009000h-009FFFh
9
Parameter
4
008000h-008FFFh
8
Parameter
4
007000h-007FFFh
7
Parameter
4
006000h-006FFFh
6
Parameter
4
005000h-005FFFh
5
Parameter
4
004000h-004FFFh
4
Parameter
4
003000h-003FFFh
3
Parameter
4
002000h-002FFFh
2
Parameter
4
001000h-001FFFh
1
Parameter
4
000000h-000FFFh
0
Parameter
Note that, during a Bus Write operation, the
Command
Interface
starts
executing
the
command as soon as the data is fully received; a
Bus Abort during the final TAR cycles is not
guaranteed to abort the command; the bus,
however, will be released immediately.
Standby. When LFRAME is High, VIH, the
memory is put into Standby mode where LAD0-
LAD3 are put into a high-impedance state and the
Supply Current is reduced to the Standby level,
ICC1.
Reset. During Reset mode all internal circuits are
switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is
in Reset mode when Interface Reset, RP, or CPU
Reset, INIT, is Low, VIL. RP or INIT must be held



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com