Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50LPW116
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116 Datasheet(HTML) 1 Page - STMicroelectronics

  M50LPW116 Datasheet HTML 1Page - STMicroelectronics M50LPW116 Datasheet HTML 2Page - STMicroelectronics M50LPW116 Datasheet HTML 3Page - STMicroelectronics M50LPW116 Datasheet HTML 4Page - STMicroelectronics M50LPW116 Datasheet HTML 5Page - STMicroelectronics M50LPW116 Datasheet HTML 6Page - STMicroelectronics M50LPW116 Datasheet HTML 7Page - STMicroelectronics M50LPW116 Datasheet HTML 8Page - STMicroelectronics M50LPW116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
PRELIMINARY DATA
February 2003
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M50LPW116
16 Mbit (2Mb x8, Boot Block)
3V Supply Low Pin Count Flash Memory
s
SUPPLY VOLTAGE
–VCC = 3V to 3.6V for Program, Erase and
Read Operations
–VPP = 12V for Fast Program and Fast Erase
s
TWO INTERFACES
– Low Pin Count (LPC) Standard Interface for
embedded operation with PC Chipsets.
– Address/Address Multiplexed (A/A Mux) In-
terface for programming equipment compati-
bility.
s
LOW PIN COUNT (LPC) HARDWARE
INTERFACE MODE
– 5 Signal Communication Interface supporting
Read and Write Operations
– Hardware Write Protect Pins for Block Pro-
tection
– Register Based Read and Write Protection
– 5 Additional General Purpose Inputs for plat-
form design flexibility
– Synchronized with 33 MHz PCI clock
s
BYTE PROGRAMMING TIME
– Single Byte Mode: 10µs (typical)
– Quadruple Byte Mode: 2.5µs (typical)
s
50 MEMORY BLOCKS
– 1 Boot Block
– 18 Parameter and 31 Main Blocks
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program and Block/Chip
Erase algorithms
– Status Register Bits
s
PROGRAM and ERASE SUSPEND
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 30h
Figure 1. Logic Diagram (LPC Interface)
AI05466
4
LFRAME
LAD0-
LAD3
VCC
M50LPW116
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID3
GPI0-
GPI4
VPP
TSOP40 (N)
10 x 20mm


Similar Part No. - M50LPW116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K STMICROELECTRONICS-M50LPW002K Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K1T STMICROELECTRONICS-M50LPW002K1T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K5T STMICROELECTRONICS-M50LPW002K5T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
More results

Similar Description - M50LPW116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com