Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M50LPW116
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116 Datasheet(HTML) 4 Page - STMicroelectronics

  M50LPW116 Datasheet HTML 1Page - STMicroelectronics M50LPW116 Datasheet HTML 2Page - STMicroelectronics M50LPW116 Datasheet HTML 3Page - STMicroelectronics M50LPW116 Datasheet HTML 4Page - STMicroelectronics M50LPW116 Datasheet HTML 5Page - STMicroelectronics M50LPW116 Datasheet HTML 6Page - STMicroelectronics M50LPW116 Datasheet HTML 7Page - STMicroelectronics M50LPW116 Datasheet HTML 8Page - STMicroelectronics M50LPW116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
M50LPW116
4/36
Table 2. Memory Identification Input Configuration
Memory
Number
ID3
ID2
ID1
ID0
A25
A24
A23
A21
1 (Boot)
VIL or floating
VIL or floating
VIL or floating
VIL or floating
11
11
2
VIL or floating
VIL or floating
VIL or floating
VIH
11
10
3
VIL or floating
VIL or floating
VIH
VIL or floating
11
01
4
VIL or floating
VIL or floating
VIH
VIH
11
00
5
VIL or floating
VIH
VIL or floating
VIL or floating
10
11
6
VIL or floating
VIH
VIL or floating
VIH
10
10
7
VIL or floating
VIH
VIH
VIL or floating
10
01
8
VIL or floating
VIH
VIH
VIH
10
00
9
VIH
VIL or floating
VIL or floating
VIL or floating
01
11
10
VIH
VIL or floating
VIL or floating
VIH
01
10
11
VIH
VIL or floating
VIH
VIL or floating
01
01
12
VIH
VIL or floating
VIH
VIH
01
00
13
VIH
VIH
VIL or floating
VIL or floating
00
11
14
VIH
VIH
VIL or floating
VIH
00
10
15
VIH
VIH
VIH
VIL or floating
00
01
16
VIH
VIH
VIH
VIH
00
00
Interface Configuration (IC). The Interface Con-
figuration input selects whether the Low Pin Count
(LPC) or the Address/Address Multiplexed (A/A
Mux) Interface is used. The chosen interface must
be selected before power-up or during a Reset
and, thereafter, cannot be changed. The state of
the Interface Configuration, IC, should not be
changed during operation.
To select the Low Pin Count (LPC) Interface the
Interface Configuration pin should be left to float or
driven Low, VIL; to select the Address/Address
Multiplexed (A/A Mux) Interface the pin should be
driven High, VIH. An internal pull-down resistor is
included with a value of RIL; there will be a leakage
current of ILI2 through each pin when pulled to VIH;
see Table 20.
Interface Reset (RP). The Interface Reset (RP)
input is used to reset the memory. When Interface
Reset (RP) is set Low, VIL, the memory is in Reset
mode: the outputs are put to high impedance and
the current consumption is minimized. When RP is
set High, VIH, the memory is in normal operation.
After exiting Reset mode, the memory enters
Read mode.
CPU Reset (INIT). The CPU Reset, INIT, pin is
used to Reset the memory when the CPU is reset.
It behaves identically to Interface Reset, RP, and
the internal Reset line is the logical OR (electrical
AND) of RP and INIT.
Clock (CLK). The Clock, CLK, input is used to
clock the signals in and out of the Input/Output
Communication Pins, LAD0-LAD3. The Clock
conforms to the PCI specification.
Top Block Lock (TBL). The
Top
Block
Lock
input is used to prevent the Top Block (Block 49)
from being changed. When Top Block Lock, TBL,
is set Low, VIL, Program and Block Erase
operations in the Top Block have no effect,
regardless of the state of the Lock Register. When
Top Block Lock, TBL, is set High, VIH, the
protection of the Block is determined by the Lock
Register. The state of Top Block Lock, TBL, does
not affect the protection of the other Blocks
(Blocks 0 to 48).
Top Block Lock, TBL, must be set prior to a Pro-
gram or Block Erase operation is initiated and
must not be changed until the operation completes
or unpredictable results may occur. Care should
be taken to avoid unpredictable behavior by
changing TBL during Program or Erase Suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com