Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA31308 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA31308 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA31308
Download  DIA31308 Download
File Size   2468.23 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 8:1, 1-Channel Multiplexers with Injection Current Control

DIA31308 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA31308 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA31308
Download  DIA31308 Click to download

File Size   2468.23 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 8:1, 1-Channel Multiplexers with Injection Current Control

DIA31308 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA31308 Product details

 Features
 AEC-Q100 qualified:
− Device ambient temperature:
-40°C ≤ TA ≤ 125°C
− Device junction temperature:
-40°C ≤ TJ ≤ 150°C
 Wide supply range: 1.62 V to 5.5 V
 Injection current control
 Fail-safe logic
 Break-before-make switching
 Bidirectional signal path
 Rail to rail operation
 Back-powering protection
 Short-to-battery protection
 1.8 V logic compatible
 Fail-safe logic
 Low power consumption
 Wide -3 dB bandwidth: 500 MHz
 Description
The DIA31308 is a general-purpose CMOS analog
switch. The device supports bidirectional analog and
digital signals on the source and drain pins ranging
from GND to VCC. The DIA31308 device has an
internal injection current control feature that allows
signals on disabled signal paths to exceed the supply
voltage without affecting the signal of the enabled
signal path.
Additionally, the DIA31308 device does not have an
internal diode path to the supply pin, which eliminates
the risk of damaging components connected to the
supply pin or providing unintended power to the
supply rail. All logic inputs have 1.8 V logic
compatible thresholds, ensuring both TTL and CMOS
logic compatibility when operating with a valid supply
voltage. Fail-safe logic circuitry allows voltages on the
control pins to be applied before the supply pin,
protecting the device from potential damage.
The DIA31308 is available in TSSOP-16 and QFN-16
package. It is specified over ambient temperature
range of -40°C to 125°C, which meets the
requirements of automotive applications.
 Applications
 Zonal architecture
 Body control modules
 Battery management systems (BMS)
 HVAC control module
 Automotive head unit
 Telematics
 On-board (OBC) and wireless charging




Similar Part No. - DIA31308

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA32051 DIOO-DIA32051 Datasheet
785Kb / 11P
0.5 MHz, Low power RRIO CMOS Automotive Amplifier
Oct 2023
DIA32051ST5 DIOO-DIA32051ST5 Datasheet
785Kb / 11P
0.5 MHz, Low power RRIO CMOS Automotive Amplifier
Oct 2023
DIA36600 DIOO-DIA36600 Datasheet
161Kb / 1P
1 Port eUSB2.0 to USB2.0 Repeater
Mar 2026
DIA36812 DIOO-DIA36812 Datasheet
1Mb / 16P
1.8 V Dual-Channel, Single-lane USB 3.2 Gen1 Redriver
Apr 2025
DIA36812CN24 DIOO-DIA36812CN24 Datasheet
1Mb / 16P
1.8 V Dual-Channel, Single-lane USB 3.2 Gen1 Redriver
Apr 2025
More results


Similar Description - DIA31308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
294Kb / 12P
Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4851A ONSEMI-MC74HC4851A_05 Datasheet
207Kb / 14P
Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A_11 Datasheet
230Kb / 15P
Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
logo
Texas Instruments
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 36P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI1-TMUX1308-Q1_V01 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V01 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V02 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V02 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V03 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com