Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA32051 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA32051 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA32051
Download  DIA32051 Download
File Size   785.39 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 0.5 MHz, Low power RRIO CMOS Automotive Amplifier

DIA32051 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA32051 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA32051
Download  DIA32051 Click to download

File Size   785.39 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 0.5 MHz, Low power RRIO CMOS Automotive Amplifier

DIA32051 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA32051 Product details

 Features
 AEC-Q100 qualified:
− Device ambient temperature: -40°C ≤ TA
≤ 125°C
− Device junction temperature: -40°C ≤ TJ
≤ 150°C
 Wide supply range:
− Single power supply: 1.8 V to 5.5 V
− Dual power supply: ±0.9 V to ±2.75 V
 Rail-to-rail input and output
 Gain bandwidth product: 0.5 MHz
 Low supply current: 24 μA typical per channel
 Low input bias current: 20 pA
 Low input offset voltage: ±3 mV
 Input offset voltage drift: 2.5 μV/°C
 Description
The DIA32051 is a low power, high precision CMOS
operational amplifiers for automotive application. It
provides rail-to-rail input and output operation from a
supply range of 1.8 V to 5.5 V. The device is designed
for a wide range of general-purpose applications
The device operates at single power supply or dual
power supply and offer 0.5 MHz bandwidth, 0.29 V/μs
slew rate and only 24 μA of quiescent current per
channel. The DIA32051 offers low input offset voltage
of ±3 mV and low input bias current of 20 pA.
The DIA32051 is available in standard package
SOT23-5. It is specified over ambient temperature
range of -40°C to 125°C, which meets the
requirements of automotive applications.
 Applications
 Infotainment and cluster
 Advanced driver assistance systems (ADAS)
 HEV / EV inverter and motor control
 Sensor interfaces
 Body electronics and lighting
 On-board (OBC) and wireless charger
 Power-train current sensor




Similar Part No. - DIA32051

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA31308 DIOO-DIA31308 Datasheet
2Mb / 26P
8:1, 1-Channel Multiplexers with Injection Current Control
Mar 2026
DIA31308PN16 DIOO-DIA31308PN16 Datasheet
2Mb / 26P
8:1, 1-Channel Multiplexers with Injection Current Control
Mar 2026
DIA31308TP16 DIOO-DIA31308TP16 Datasheet
2Mb / 26P
8:1, 1-Channel Multiplexers with Injection Current Control
Mar 2026
DIA36600 DIOO-DIA36600 Datasheet
161Kb / 1P
1 Port eUSB2.0 to USB2.0 Repeater
Mar 2026
DIA36812 DIOO-DIA36812 Datasheet
1Mb / 16P
1.8 V Dual-Channel, Single-lane USB 3.2 Gen1 Redriver
Apr 2025
More results


Similar Description - DIA32051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
TLV9001-Q1 TI1-TLV9001-Q1 Datasheet
997Kb / 32P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
TLV9002-Q1 TI1-TLV9002-Q1 Datasheet
1Mb / 32P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
TLV9002-Q1 TI-TLV9002-Q1_V01 Datasheet
1Mb / 37P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
TLV9001-Q1 TI-TLV9001-Q1_V01 Datasheet
2Mb / 44P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED OCTOBER 2021
TLV9001-Q1 TI-TLV9001-Q1_V02 Datasheet
2Mb / 46P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED OCTOBER 2021
TLV9001-Q1 TI-TLV9001-Q1_V03 Datasheet
1Mb / 45P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED DECEMBER 2022
TLV9001-Q1 TI-TLV9001-Q1_V04 Datasheet
2Mb / 48P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED DECEMBER 2022
TLV9001-Q1 TI-TLV9001-Q1_V05 Datasheet
2Mb / 49P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED APRIL 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com