Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet (PDF) - STMicroelectronics

M29F400 Datasheet PDF - STMicroelectronics
Part # M29F400
Download  M29F400 Download
File Size   231.73 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory

M29F400 Datasheet (PDF)

Go To PDF Page Download Datasheet
M29F400 Datasheet PDF - STMicroelectronics

Part # M29F400
Download  M29F400 Click to download

File Size   231.73 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory

M29F400 Datasheet (HTML) - STMicroelectronics


M29F400 Product details

DESCRIPTION

The M29F400 is a non-volatile memory that may be erased electrically at the block or chip level and programmed in-system on a Byte-by-Byte or Word by-Word basis using only a single 5V VCCsupply. For Program and Erase operations the necessary high voltages are generated internally. The device

can also be programmed in standard program mers.



M29F400T and M29F400B are replaced respectively by the M29F400BT and M29F400BB

5V±10% SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPERATIONS

FAST ACCESS TIME: 55ns

FAST PROGRAMMING TIME

 –10µs by Byte / 16µs by Word typical

PROGRAM/ERASE CONTROLLER (P/E.C.)

 – Program Byte-by-Byte or Word-by-Word

 – Status Register bits and Ready/Busy Output

MEMORY BLOCKS

 – Boot Block (Top or Bottom location)

 – Parameter and Main blocks

BLOCK, MULTI-BLOCK and CHIP ERASE

MULTI-BLOCK PROTECTION/TEMPORARY UNPROTECTION MODES

ERASE SUSPEND and RESUME MODES

 – Read and Program another Block during Erase Suspend

LOW POWER CONSUMPTION

 – Stand-by and Automatic Stand-by

100,000 PROGRAM/ERASE CYCLES per BLOCK

20 YEARS DATA RETENTION

 – Defectivity below 1ppm/year

ELECTRONIC SIGNATURE

 – Manufacturer Code: 0020h

 – Device Code, M29F400T: 00D5h

 – Device Code, M29F400B: 00D6h




Similar Part No. - M29F400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400 STMICROELECTRONICS-M29F400 Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400BB STMICROELECTRONICS-M29F400BB Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400BB STMICROELECTRONICS-M29F400BB Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
M29F400BB-45M1 STMICROELECTRONICS-M29F400BB-45M1 Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400BB-45M1T STMICROELECTRONICS-M29F400BB-45M1T Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
More results


Similar Description - M29F400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
14-Jan-2000
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
18-Apr-2000
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Jun-2001
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com