Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 3Page - STMicroelectronics M29F400 Datasheet HTML 4Page - STMicroelectronics M29F400 Datasheet HTML 5Page - STMicroelectronics M29F400 Datasheet HTML 6Page - STMicroelectronics M29F400 Datasheet HTML 7Page - STMicroelectronics M29F400 Datasheet HTML 8Page - STMicroelectronics M29F400 Datasheet HTML 9Page - STMicroelectronics M29F400 Datasheet HTML 10Page - STMicroelectronics M29F400 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DEVICE OPERATIONS
See Tables 4, 5 and 6.
Read. Read operations are used to output the
contents of the Memory Array, the Electronic Sig-
nature, the Status Register or the Block Protection
Status. Both Chip Enable E and Output Enable G
must be low in order to read the output of the
memory.
Write. Write operations are used to give Instruction
Commands to the memory or to latch input data to
be programmed. A write operation is initiated when
Chip Enable E is Low and Write Enable W is Low
with Output Enable G High. Addresses are latched
on the falling edge of W or E whichever occurs last.
Commands and Input Dataare latchedon the rising
edge of W or E whichever occurs first.
Output Disable. The data outputs are high imped-
ance when the Output Enable G is High with Write
Enable W High.
Standby. The memory is in standby when Chip
Enable E is High and the P/E.C. is idle. The power
consumption is reduced to the standby level and
the outputs are high impedance, independent of
the Output Enable G or Write Enable W inputs.
Automatic Standby. After 150ns of bus inactivity
and when CMOS levels are driving the addresses,
the chip automatically enters a pseudo-standby
mode where consumption is reduced to the CMOS
standby value, while outputs still drive the bus.
Electronic Signature. Two codes identifying the
manufacturer and the device can be read from the
memory. The manufacturer’s code for STMi-
croelectronics is 20h, the device code is D5h for the
M29F400T (Top Boot) and D6h for the M29F400B
(Bottom Boot). These codes allow programming
equipment or applications to automatically match
their interface to the characteristics of the
M29F400. The Electronic Signature is output by a
Read operation when the voltage applied to A9 is
at VID and address inputs A1 is Low. The manufac-
turer code is output when the Address input A0 is
Low and the device code when this input is High.
Other Address inputs are ignored. The codes are
output on DQ0-DQ7.
The Electronic Signature can also be read, without
raising A9 to VID, by giving the memory the Instruc-
tion AS. If the Byte-wide configuration is selected
the codes are output on DQ0-DQ7 with DQ8-DQ14
at High impedance; if the Word-wide configuration
is selected the codes are output on DQ0-DQ7 with
DQ8-DQ15 at 00h.
Block Protection. Each block can be separately
protected against Program or Erase on program-
ming equipment. Block protection provides addi-
tional data security, as it disables all program or
eraseoperations. Thismode is activated when both
A9 and G are raised to VID and an address in the
block is applied on A12-A17. The Block Protection
algorithm is shown in Figure 14. Block protection is
initiated on the edge of W falling to VIL. Then after
a delay of 100
µs, the edge of W rising to VIH ends
the protection operations. Block protection verify is
achieved by bringing G, E, A0 and A6 to VIL and A1
to VIH, while W is at VIH and A9 at VID. Under these
conditions, reading the data output will yield 01h if
the block defined by the inputs on A12-A17 is
protected. Any attempt to program or erase a pro-
tected block will be ignored by the device.
Block Temporary Unprotection. Any previously
protected block can be temporarily unprotected in
order to change stored data. The temporary unpro-
tection mode is activated by bringing RP to VID.
During the temporary unprotection mode the pre-
viously protected blocks are unprotected. A block
can be selected and data can be modified by
executing the Erase or Program instruction with the
RP signal held at VID. When RP is returned to VIH,
all the previously protected blocks are again pro-
tected.
Block Unprotection. All protected blocks can be
unprotected on programming equipment to allow
updating of bit contents. All blocks must first be
protected before the unprotection operation. Block
unprotection is activated when A9, G and E are at
VID and A12, A15 at VIH. The Block Unprotection
algorithm is shown in Figure 15. Unprotection is
initiated by the edge of W falling to VIL. After a delay
of 10ms, the unprotection operation will end. Un-
protection verify is achieved by bringing G and E to
VIL while A0 is at VIL, A6 and A1 are at VIH and A9
remains at VID. In these conditions, reading the
output data will yield 00h if the block defined by the
inputs A12-A17 has been succesfully unprotected.
Each block must be separately verified by giving its
address in order to ensure that it has been unpro-
tected.
7/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com