Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 15Page - STMicroelectronics M29F400 Datasheet HTML 16Page - STMicroelectronics M29F400 Datasheet HTML 17Page - STMicroelectronics M29F400 Datasheet HTML 18Page - STMicroelectronics M29F400 Datasheet HTML 19Page - STMicroelectronics M29F400 Datasheet HTML 20Page - STMicroelectronics M29F400 Datasheet HTML 21Page - STMicroelectronics M29F400 Datasheet HTML 22Page - STMicroelectronics M29F400 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Symbol
Alt
Parameter
M29F400T / M29F400B
Unit
-90
-120
Standard
Interface
Standard
Interface
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
90
120
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
45
50
ns
tDVWH
tDS
Input Valid to Write Enable High
45
50
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
20
20
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
45
50
ns
tGHWL
Output Enable High to Write Enable Low
0
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
µs
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
tPHPHH
(1,2)
tVIDR
RP Rise Time to VID
500
500
ns
tPLPX
tRP
RP Pulse Width
500
500
ns
tWHRL
(1)
tBUSY
Program Erase Valid to RB Delay
35
50
ns
tPHWL
(1)
tRSP
RP High to Write Enable Low
4
4
µs
Notes: 1. Sample only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Table 15B. Write AC Characteristics, Write Enable Controlled
(TA =0 to 70
°C, –40 to 85°C or –40 to 125°C)
pended, a Read from blocks being erased will
output DQ2 toggling and DQ6 at ’1’. A Read from
a block not being erased returns valid data. During
suspension the memory will respond only to the
Erase Resume ER and the Program PG instruc-
tions. A Program operation can be initiated during
erase suspend in one of the blocks not being
erased. It will result in both DQ2 and DQ6 toggling
when the data is being programmed. ARead/Reset
command will definitively abort erasure and result
in invalid data in the blocks being erased.
Erase Resume (ER) Instruction.
If an Erase
Suspend instruction was previously executed, the
erase operation may be resumed by giving the
command 30h, at any address, and without any
Coded cycles.
19/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com