Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 5 Page - STMicroelectronics

  M29F400 Datasheet HTML 1Page - STMicroelectronics M29F400 Datasheet HTML 2Page - STMicroelectronics M29F400 Datasheet HTML 3Page - STMicroelectronics M29F400 Datasheet HTML 4Page - STMicroelectronics M29F400 Datasheet HTML 5Page - STMicroelectronics M29F400 Datasheet HTML 6Page - STMicroelectronics M29F400 Datasheet HTML 7Page - STMicroelectronics M29F400 Datasheet HTML 8Page - STMicroelectronics M29F400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Address Range (x8)
Address Range (x16)
A17
A16
A15
A14
A13
A12
00000h-03FFFh
00000h-01FFFh
0
0
0
0
0
X
04000h-05FFFh
02000h-02FFFh
0
0
0
0
1
0
06000h-07FFFh
03000h-03FFFh
0
0
0
0
1
1
08000h-0FFFFh
04000h-07FFFh
0
0
0
1
X
X
10000h-1FFFFh
08000h-0FFFFh
0
0
1
X
X
X
20000h-2FFFFh
10000h-17FFFh
0
1
0
X
X
X
30000h-3FFFFh
18000h-1FFFFh
0
1
1
X
X
X
40000h-4FFFFh
20000h-27FFFh
1
0
0
X
X
X
50000h-5FFFFh
28000h-2FFFFh
1
0
1
X
X
X
60000h-6FFFFh
30000h-37FFFh
1
1
0
X
X
X
70000h-7FFFFh
38000h-3FFFFh
1
1
1
X
X
X
Table 3B. M29F400B Block Address Table
Address Range (x8)
Address Range (x16)
A17
A16
A15
A14
A13
A12
00000h-0FFFFh
00000h-07FFFh
0
0
0
X
X
X
10000h-1FFFFh
08000h-0FFFFh
0
0
1
X
X
X
20000h-2FFFFh
10000h-17FFFh
0
1
0
X
X
X
30000h-3FFFFh
18000h-1FFFFh
0
1
1
X
X
X
40000h-4FFFFh
20000h-27FFFh
1
0
0
X
X
X
50000h-5FFFFh
28000h-2FFFFh
1
0
1
X
X
X
60000h-6FFFFh
30000h-37FFFh
1
1
0
X
X
X
70000h-77FFFh
38000h-3BFFFh
1
1
1
0
X
X
78000h-79FFFh
3C000h-3CFFFh
1
1
1
1
0
0
7A000h-7BFFFh
3D000h-3DFFFh
1
1
1
1
0
1
7C000h-7FFFFh
3E000h-3FFFFh
1
1
1
1
1
X
Table 3A. M29F400T Block Address Table
5/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com