Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 6Page - STMicroelectronics M29F400 Datasheet HTML 7Page - STMicroelectronics M29F400 Datasheet HTML 8Page - STMicroelectronics M29F400 Datasheet HTML 9Page - STMicroelectronics M29F400 Datasheet HTML 10Page - STMicroelectronics M29F400 Datasheet HTML 11Page - STMicroelectronics M29F400 Datasheet HTML 12Page - STMicroelectronics M29F400 Datasheet HTML 13Page - STMicroelectronics M29F400 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Mne.
Instr.
Cyc.
1st Cyc.
2nd Cyc.
3rd Cyc.
4th Cyc.
5th Cyc.
6th Cyc.
7th Cyc.
RD
(2,4)
Read/Reset
Memory Array
1+
Addr.
(3,7)
X
Read Memory Array until a new write cycle is initiated.
Data
F0h
3+
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Read Memory Array until a new write cycle
is initiated.
Word
5555h
2AAAh
5555h
Data
AAh
55h
F0h
AS
(4)
Auto Select
3+
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Read Electronic Signature or Block
Protection Status until a new write cycle is
initiated. See Note 5 and 6.
Word
5555h
2AAAh
5555h
Data
AAh
55h
90h
PG
Program
4
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Program
Address
Read Data Polling or Toggle Bit
until Program completes.
Word
5555h
2AAAh
5555h
Data
AAh
55h
A0h
Program
Data
BE
Block Erase
6
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
AAAAh
5555h
Block
Address
Additional
Block
(8 )
Word
5555h
2AAAh
5555h
5555h
2AAAh
Data
AAh
55h
80h
AAh
55h
30h
30h
CE
Chip Erase
6
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
AAAAh
5555h
AAAAh
Note 9
Word
5555h
2AAAh
5555h
5555h
2AAAh
5555h
Data
AAh
55h
80h
AAh
55h
10h
ES
(10)
Erase
Suspend
1
Addr.
(3,7)
X
Read until Toggle stops, then read all the data needed from any
Block(s) not being erased then Resume Erase.
Data
B0h
ER
Erase
Resume
1
Addr.
(3,7)
X
Read Data Polling or Toggle Bits until Erase completes or Erase is
suspended another time
Data
30h
Notes: 1. Commands not interpreted in this table will default to read array mode.
2. A wait of tPLYH is necessary after a Read/Reset command if the memory was in an Erase or Program mode
before starting any new operation (see Table 14 and Figure 9).
3. X = Don’t Care.
4. The first cycles of the RD or AS instructions are followed by read operations. Any number of read cycles can occur after
the command cycles.
5. Signature Address bits A0, A1 at VIL will output Manufacturer code (20h). Address bits A0 at VIH and A1 at VIL will output
Device code.
6. Block Protection Address: A0 at VIL, A1atVIH and A12-A17 within the Block will output the Block Protection status.
7. For Coded cycles address inputs A15-A17 are don’t care.
8. Optional, additional Blocks addresses must be entered within the erase timeout delay after last write entry,
timeout status can be verified through DQ3 value (see Erase Timer Bit DQ3 description).
When full command is entered, read Data Polling or Toggle bit until Erase is completed or suspended.
9. Read Data Polling, Toggle bits or RB until Erase completes.
10.During Erase Suspend, Read and Data Program functions are allowed in blocks not being erased.
Table 8. Instructions (1)
10/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com