Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 26Page - STMicroelectronics M29F400 Datasheet HTML 27Page - STMicroelectronics M29F400 Datasheet HTML 28Page - STMicroelectronics M29F400 Datasheet HTML 29Page - STMicroelectronics M29F400 Datasheet HTML 30Page - STMicroelectronics M29F400 Datasheet HTML 31Page - STMicroelectronics M29F400 Datasheet HTML 32Page - STMicroelectronics M29F400 Datasheet HTML 33Page - STMicroelectronics M29F400 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ORDERING INFORMATION SCHEME
Note: 1. Speed obtained with High Speed Measurement Conditions.
M29F400T and M29F400B are replacedrespectively by the new version M29F400BT and M29F400BB
Devices are shipped from the factory with the memory content erased (to FFh).
For a list of availableoptions (Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Operating Voltage
F5V
± 10%
Array Matrix
T
Top Boot
B
Bottom Boot
Speed
-55
(1) 55ns
-70
70ns
-90
90ns
-120 120ns
Package
N
TSOP48
12 x 20mm
M
SO44
Option
R
Reverse
Pinout
TR
Tape & Reel
Packing
Temp. Range
1
0 to 70
°C
6
–40 to 85
°C
3
–40 to 125
°C
Example:
M29F400T
-55
N
1
TR
30/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com