Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 10Page - STMicroelectronics M29F400 Datasheet HTML 11Page - STMicroelectronics M29F400 Datasheet HTML 12Page - STMicroelectronics M29F400 Datasheet HTML 13Page - STMicroelectronics M29F400 Datasheet HTML 14Page - STMicroelectronics M29F400 Datasheet HTML 15Page - STMicroelectronics M29F400 Datasheet HTML 16Page - STMicroelectronics M29F400 Datasheet HTML 17Page - STMicroelectronics M29F400 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current (Read) TTL Byte
E = VIL,G = VIH, f = 6MHz
20
mA
ICC1
Supply Current (Read) TTL Word
E = VIL,G = VIH, f = 6MHz
20
mA
ICC2
Supply Current (Standby) TTL
E = VIH
1mA
ICC3
Supply Current (Standby) CMOS
E = VCC
± 0.2V
100
µA
ICC4
(1)
Supply Current (Program or Erase)
Byte program, Block or
Chip Erase in progress
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 5.8mA
0.45
V
VOH
Output High Voltage TTL
IOH = –2.5mA
2.4
V
Output High Voltage CMOS
IOH = –100
µAVCC –0.4V
V
VID
A9 Voltage (Electronic Signature)
11.0
12.0
V
IID
A9 Current (Electronic Signature)
A9 = VID
100
µA
VLKO
Supply Voltage (Erase and
Program lock-out)
3.2
4.2
V
Note: 1. Sampled only, not 100% tested.
Table 13. DC Characteristics
(TA =0 to 70
°C, –40 to 85°C or –40 to 125°C; VCC =5V ± 10%)
During the execution of the erase by theP/E.C., the
memory accepts only the Erase Suspend ES and
Read/Reset RD instructions. Data Polling bit DQ7
returns ’0’ while the erasure is in progress and ’1’
when it has completed. The Toggle bit DQ2 and
DQ6 toggle during the erase operation. They stop
when erase is completed. After completion the
Status Register bit DQ5 returns ’1’ if there has been
an erase failure. In such a situation, the Toggle bit
DQ2 can be used to determine which block is not
correctly erased. In the case of erase failure, a
Read/Reset RD instruction is necessary in order to
reset the P/E.C.
Chip Erase (CE) Instruction. This instruction uses
six write cycles. The Erase Set-up command 80h
is written to address AAAAh in the Byte-wide con-
figuration or the address 5555h in the Word-wide
configuration on the third cycle after the two Coded
cycles. The Chip Erase Confirm command 10h is
similarly written on the sixth cycle after another two
Coded cycles. If the second command given is not
an erase confirm or if the Coded cycles are wrong,
the instruction aborts and the device is reset to
Read Array. It is not necessary to program the array
with 00h first as the P/E.C. will automatically do this
before erasing it to FFh. Read operations after the
sixth rising edge of W or E output the Status
Register bits. During the execution of the erase by
the P/E.C., Data Polling bit DQ7 returns ’0’, then ’1’
on completion. The Toggle bits DQ2 and DQ6
toggle during erase operation and stop when erase
is completed. After completion the Status Register
bit DQ5 returns ’1’ if there has been an Erase
Failure.
14/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com