Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 17Page - STMicroelectronics M29F400 Datasheet HTML 18Page - STMicroelectronics M29F400 Datasheet HTML 19Page - STMicroelectronics M29F400 Datasheet HTML 20Page - STMicroelectronics M29F400 Datasheet HTML 21Page - STMicroelectronics M29F400 Datasheet HTML 22Page - STMicroelectronics M29F400 Datasheet HTML 23Page - STMicroelectronics M29F400 Datasheet HTML 24Page - STMicroelectronics M29F400 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Symbol
Alt
Parameter
M29F400T / M29F400B
Unit
-55
-70
High Speed
Interface
Standard
Interface
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
55
70
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
30
35
ns
tDVEH
tDS
Input Valid to Chip Enable High
25
30
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
20
20
ns
tAVEL
tAS
Address Valid to Chip Enable Low
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
45
45
ns
tGHEL
Output Enable High Chip Enable Low
0
0
ns
tVCHWL
tVCS
VCC High to Write Enable Low
50
50
µs
tEHGL
tOEH
Chip Enable High to Output Enable Low
0
0
ns
tPHPHH
(1,2)
tVIDR
RP Rise TIme to VID
500
500
ns
tPLPX
tRP
RP Pulse Width
500
500
ns
tEHRL
(1)
tBUSY
Program Erase Valid to RB Delay
30
30
ns
tPHWL
(1)
tRSP
RP High to Write Enable Low
4
4
µs
Notes: 1. Sample only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Table 16A. Write AC Characteristics, Chip Enable Controlled
(TA =0 to 70
°C, –40 to 85°C or –40 to 125°C)
21/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com