Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1567CL16 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1567CL16 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1567CL16
Download  DIO1567CL16 Download
File Size   1716.35 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SIM Card Analog Switch

DIO1567CL16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1567CL16 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1567CL16
Download  DIO1567CL16 Click to download

File Size   1716.35 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SIM Card Analog Switch

DIO1567CL16 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1567CL16 Product details

Features
 Switch type: SPDT(4X)
 Voltage operation: 1.6V to 4.5V
 Low on resistance: 0.65Ω at SIM path;
2.7Ω at other path
 Bandwidth >200MHz
 10pF CON at DAT/CLK/RST path
 Low power consumption
 Packaged: 16-Lead QFN1.8*2.6 and
16-Lead QFN3*3
 6kV HBM ESD
Applications
 Cell-Phone/PDA
 Set-Top Box
 Digital Camera
 Notebook
 TV/ LCD Monitor
Descriptions
The DIO1567 is a quad Single-Pole,
Double-Throw (SPDT) analog switch targeted at
dual SIM card multiplexing. DIO1567 operates
from a single 1.6V to 4.5V supply and features an
ultra-low on resistance of 0.65Ω at SIM path to
ensure minimal voltage drop in other path. This
device is fabricated with sub-micron CMOS
technology to achieve fast switching speeds and
is designed for break-before-make operation.
DIO1567 features very low quiescent current
even when the control voltage is lower than the
VCC supply. This allows mobile handset
applications direct interface with the baseband
processor general-purpose I/Os.
DIO1567 provides two packages with Green
QFN1.8*2.6-16 and QFN3*3-16.




Similar Part No. - DIO1567CL16

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1510 DIOO-DIO1510 Datasheet
1Mb / 10P
Handling Capability
Rev 1.5
DIO1510SC6 DIOO-DIO1510SC6 Datasheet
1Mb / 10P
Handling Capability
Rev 1.5
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
More results


Similar Description - DIO1567CL16

ManufacturerPart #DatasheetDescription
logo
FCI connector
7111S1615A01 FCI-CONNECTOR-7111S1615A01 Datasheet
87Kb / 1P
SIM CARD CONNECTOR with switch
logo
Fairchild Semiconductor
FSA2567 FAIRCHILD-FSA2567 Datasheet
389Kb / 2P
Low-Power, Dual SIM Card Analog Switch
FSA2567_0711 FAIRCHILD-FSA2567_0711 Datasheet
378Kb / 2P
Low-Power, Dual SIM Card Analog Switch
logo
Integrated Device Techn...
IDTHS421V16 IDT-IDTHS421V16 Datasheet
254Kb / 12P
LOW POWER, DUAL SIM CARD HYBRID SWITCH
logo
Fairchild Semiconductor
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
Amphenol Corporation
101-00271-82 AMPHENOL-101-00271-82 Datasheet
148Kb / 1P
SIM CARD READER 8PIN(PUCH/PCH)WITH SWITCH
logo
ON Semiconductor
FSA2567 ONSEMI-FSA2567 Datasheet
291Kb / 12P
Low-Power, Dual SIM Card Analog Switch
Nov ember-2017, Rev . 2
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
logo
NimbeLink Corp.
NL-SIM-ATT-CTRI NIMBELINK-NL-SIM-ATT-CTRI Datasheet
1Mb / 6P
SIM Card
May 2019
NL-SIM-VOD NIMBELINK-NL-SIM-VOD Datasheet
518Kb / 6P
SIM Card
Rev.02 March 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com