Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1713 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1713 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1713
Download  DIO1713 Download
File Size   1067.85 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SPST Switches

DIO1713 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1713 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1713
Download  DIO1713 Click to download

File Size   1067.85 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SPST Switches

DIO1713 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1713 Product details

Features
 1.8 V to 5.5 V single supply
 Low on resistance: 2.5 Ω (Typ) at VDD = 5 V
±10%
 Low on resistance flatness
 -3 dB bandwidth > 200 MHz
 Rail-to-rail operation
 16-lead TSSOP and SOP packages
 Fast switching times at VDD = 5 V ±10%:
tON = 20 ns, tOFF = 10 ns
 TTL/CMOS compatible
 Qualified for automotive applications
Applications
 USB 1.1 signal switching circuits
 Cell phones
 PDAs
 Battery-powered systems
 Communication systems
 Sample hold systems
 Audio signal routing
 Video switching
 Mechanical reed relay replacement
Descriptions
The DIO1713 is a monolithic CMOS device
containing four independently selectable
switches. The switch is designed on an advanced
sub-micron process that provide low power
dissipation yet give high switching speed, low on
resistance, low leakage current, and high
bandwidth.
They are designed to operate from a single 1.8 V
to 5.5 V supply, making them ideal for use in
battery-powered instruments. Fast switching
times and high bandwidth make the parts
suitable for switching USB 1.1 data signals and
video signals.




Similar Part No. - DIO1713

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1717 DIOO-DIO1717 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO17170 DIOO-DIO17170 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
DIO17170LP10 DIOO-DIO17170LP10 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
DIO1717LP10 DIOO-DIO1717LP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO1717MP10 DIOO-DIO1717MP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
More results


Similar Description - DIO1713

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
6-SPST Switches
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
8-SPST Switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com