Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1713 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1713
Description  SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1713 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1713 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1713 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1.4
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1713• Rev. 1.4
DIO1713
CMOS Low Voltage, 4 Ω Quad, SPST Switches
Features
1.8 V to 5.5 V single supply
Low on resistance: 2.5 Ω (Typ) at VDD = 5 V
±10%
Low on resistance flatness
-3 dB bandwidth > 200 MHz
Rail-to-rail operation
16-lead TSSOP and SOP packages
Fast switching times at VDD = 5 V ±10%:
tON = 20 ns, tOFF = 10 ns
TTL/CMOS compatible
Qualified for automotive applications
Applications
USB 1.1 signal switching circuits
Cell phones
PDAs
Battery-powered systems
Communication systems
Sample hold systems
Audio signal routing
Video switching
Mechanical reed relay replacement
Descriptions
The DIO1713 is a monolithic CMOS device
containing
four
independently
selectable
switches. The switch is designed on an advanced
sub-micron process that provide low power
dissipation yet give high switching speed, low on
resistance, low leakage current, and high
bandwidth.
They are designed to operate from a single 1.8 V
to 5.5 V supply, making them ideal for use in
battery-powered instruments. Fast switching
times and high bandwidth make the parts
suitable for switching USB 1.1 data signals and
video signals.
Block Diagram
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO1713CS16
DIO1713
3
Green
-40 to 105°C
SOP-16
Tape & Reel, 2500
DIO1713TP16
DIO1713
3
Green
-40 to 105°C
TSSOP-16
Tape & Reel, 2500


Similar Part No. - DIO1713

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1717 DIOO-DIO1717 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO17170 DIOO-DIO17170 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
DIO17170LP10 DIOO-DIO17170LP10 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
DIO1717LP10 DIOO-DIO1717LP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO1717MP10 DIOO-DIO1717MP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
More results

Similar Description - DIO1713

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
6-SPST Switches
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
8-SPST Switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com