Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T16XXH-6G-TR Datasheet (PDF) - STMicroelectronics

T16XXH-6G-TR Datasheet PDF - STMicroelectronics
Part # T16XXH-6G-TR
Download  T16XXH-6G-TR Download
File Size   136.41 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 16 A Triacs

T16XXH-6G-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
T16XXH-6G-TR Datasheet PDF - STMicroelectronics

Part # T16XXH-6G-TR
Download  T16XXH-6G-TR Click to download

File Size   136.41 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 16 A Triacs

T16XXH-6G-TR Datasheet (HTML) - STMicroelectronics




Similar Part No. - T16XXH-6G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T16XX-XXXG STMICROELECTRONICS-T16XX-XXXG Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Advanced (Shenzhen) Ele...
T16XXC-6B ADV-T16XXC-6B Datasheet
286Kb / 4P
3 Quadrants Triacs
Jun,2019 -Rev.1.01
T16XXC-6G ADV-T16XXC-6G Datasheet
268Kb / 4P
3 Quadrants Triacs
Jun,2019 -Rev.1.01
T16XXD-6B ADV-T16XXD-6B Datasheet
286Kb / 4P
4Quadrants Triacs
Jun,2019 -Rev.1.01
logo
STMicroelectronics
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
STANDARD TRIACS
Jan-1995
More results


Similar Description - T16XXH-6G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
Snubberless TM high temperature 16 A Triacs
31-Aug-2006
logo
NXP Semiconductors
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
logo
STMicroelectronics
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
High temperature 8 A Triacs
17-Apr-2007
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
High temperature 6 A sensitive TRIACs
15-May-2009
logo
NXP Semiconductors
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
STMicroelectronics
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
16 A High Temperature Alternistor Triacs
07/05/22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com