Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet (PDF) - ams-OSRAM AG

AS7038RB Datasheet PDF - ams-OSRAM AG
Part # AS7038RB
Download  AS7038RB Download
File Size   4335.53 Kbytes
Page   127 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Biosensor Solution with Embedded ECG Channel

AS7038RB Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7038RB Datasheet PDF - ams-OSRAM AG

Part # AS7038RB
Download  AS7038RB Click to download

File Size   4335.53 Kbytes
Page   127 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Biosensor Solution with Embedded ECG Channel

AS7038RB Datasheet (HTML) - ams-OSRAM AG


AS7038RB Product details

General Description
The operation of the AS7038RB is based on photoplethysmography (PPG) and electrocardiogram
(ECG). PPG is the most used HRM method, which measures the pulse rate by sampling light
modulated by the blood vessels, which expand and contract as blood pulses through them. PPG is
also used to measure the blood oxygen saturation (SpO2). ECG is the reference for any measurement
of the bio potential generated by the heart.
Embedded ECG analog front end satisfies IEC 60601-2-47 requirements.
The solution includes LED drivers, photo-sensor, analog front-end (AFE) and sequencer as well as
application software. In addition, the device also enables skin temperature and skin resistivity
measurements by providing interfaces to external sensors.
Compare to ams previous generation AS7038RB has 250% larger photodiode with lower LEDs driving
current to achieve the high PPG performances.
The AS7038RB’s low-power design and small form factor is particularly well suited to application in
earbuds, fitness bands, smart watches, sports watches and smart patches, in which board space is
limited and in which users look for extended, multi-day intervals between battery recharges. Thin
package dimension makes the AS7038RB suitable for height constrained solution likes earbuds or
smart patches. Photodiode filter centered on red and infra-red wavelengths and embedded ADC make
the AS7038RB suitable for disposable Pulse Oximeter solution.
Applications
Optical sensor platform
Disposable oximeter
Smart patch
Earbuds
Fitness band
Smart watch
Oximeter
ECG monitoring




Similar Part No. - AS7038RB

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7038RB AMSCO-AS7038RB Datasheet
4Mb / 127P
Biosensor Solution with Embedded ECG Channel
v2-00 2021-Jun-02
AS7038RB-COLM AMSCO-AS7038RB-COLM Datasheet
4Mb / 127P
Biosensor Solution with Embedded ECG Channel
v2-00 2021-Jun-02
AS7038RB-COLT AMSCO-AS7038RB-COLT Datasheet
4Mb / 127P
Biosensor Solution with Embedded ECG Channel
v2-00 2021-Jun-02
More results


Similar Description - AS7038RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HW86010 ETC-HW86010 Datasheet
104Kb / 2P
DECT Transceiver Module: The optimum embedded wireless solution
logo
NTE Electronics
RX100-10 NTE-RX100-10 Datasheet
47Kb / 8P
ECG Electronics Freezer
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
ECG Isopropanol
RX2200-14 NTE-RX2200-14 Datasheet
38Kb / 6P
ECG Silicon Lube
logo
Advantech Co., Ltd.
ARK-6310-3M04E ADVANTECH-ARK-6310-3M04E Datasheet
464Kb / 2P
Fanless Mini-ITX Embedded Computer System with ATOM Solution
logo
Linear Dimensions Semic...
LND-BA1K LINEAR_DIMENSIONS-LND-BA1K Datasheet
638Kb / 7P
ADDRESSABLE BIOSENSOR ARRAYS
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
Embedded Wi-Fi Networking Solution
August 29, 2017
logo
ams AG
AS7038RB AMSCO-AS7038RB Datasheet
4Mb / 127P
Biosensor Solution with Embedded ECG Channel
v2-00 2021-Jun-02
AS7030B AMSCO-AS7030B Datasheet
3Mb / 129P
Biosensor Solution with Embedded ECG Channel
2020-Jun-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com