Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 5Page - ams-OSRAM AG AS7038RB Datasheet HTML 6Page - ams-OSRAM AG AS7038RB Datasheet HTML 7Page - ams-OSRAM AG AS7038RB Datasheet HTML 8Page - ams-OSRAM AG AS7038RB Datasheet HTML 9Page - ams-OSRAM AG AS7038RB Datasheet HTML 10Page - ams-OSRAM AG AS7038RB Datasheet HTML 11Page - ams-OSRAM AG AS7038RB Datasheet HTML 12Page - ams-OSRAM AG AS7038RB Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
Document Feedback
AS7038RB
Pin Assignment
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 8
Pin Number
Pin Name
Pin Type(1)
Description
3
SIGREF
AO
Analog reference output. Connect 2.2 µF
capacitor to GND
(e.g. 0402 sized capacitor
GRM153R60J225ME95 or 0201 sized
GRM033R60J225ME47 from Murata
–
needs to have >1 µF specified for 1.0 V
voltage bias); do not load externally
The typical operating voltage on this pin is
0.6 V (sigref_en=1)
4
SIGREF_ECG
AO
Analog reference output. Connect 2.2 µF
capacitor to GND
(e.g. 0402 sized capacitor
GRM153R60J225ME95 or 0201 sized
GRM033R60J225ME47 from Murata
–
needs to have >1 µF specified for 1.0 V
voltage bias); do not load externally
The typical operating voltage on this pin is
0.6 V (sigref_en=1)
5
ECG_INP
AI
ECG amplifier positive input
6
ECG_INN
AI
ECG amplifier negative input
7
ECG_REF
AO
ECG amplifier reference output
8
ENABLE
DI
Enable input for AS7038RB. Active high.
Setting this input to low resets all internal
registers and the AS7038RB enters power
down mode. Setting it high allows operation
of the AS7038RB.
If ENABLE is not used (AS7038RB always
enabled), connect to VDD.
9
INT
DO
Open drain interrupt output pin. Active low.
10
SCL
DI
I²C serial clock input terminal
– the device
does not use clock stretching therefore SCL
is only an input terminal.
11
SDA
DI
I²C serial data I/O terminal
– open drain.
12
VDD
P
Supply voltage. Connect a 2.2 µF capacitor
to GND.
13
GPIO0
GPIO
General purpose input/output
14
GPIO1
GPIO
General purpose input/output
15
GPIO2
GPIO
General purpose input/output
16
GPIO3
GPIO
General purpose input/output
17
V_LDO
AO
1.9 V output voltage. Connect 2.2 µF
capacitor to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com